Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A64E06161G-85 Datasheet(PDF) 11 Page - AMIC Technology

Part # A64E06161G-85
Description  1M X 16 Bit Low Voltage Super RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A64E06161G-85 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A64E06161G-85 Datasheet HTML 7Page - AMIC Technology A64E06161G-85 Datasheet HTML 8Page - AMIC Technology A64E06161G-85 Datasheet HTML 9Page - AMIC Technology A64E06161G-85 Datasheet HTML 10Page - AMIC Technology A64E06161G-85 Datasheet HTML 11Page - AMIC Technology A64E06161G-85 Datasheet HTML 12Page - AMIC Technology A64E06161G-85 Datasheet HTML 13Page - AMIC Technology A64E06161G-85 Datasheet HTML 14Page - AMIC Technology A64E06161G-85 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
A64E06161
3. Partial Array Refresh (PAR) mode
In this mode, customers can turn off section of A64E06161 in
stand-by mode to save standby current. The A64E06161 is
divided into four 4M sections allowing certain section to be
active. The array partition to be refreshed is determined by
the respective bit in the CR register. When
ZZ is active low,
only the portion of the array that is set in the CR register is
refreshed and the data is keep at a certain section of
memory. The Partial Array Refresh (PAR) mode is only
available during standby time (
ZZ low). Once ZZ is turned
high, the A64E06161 goes back to operating in full array
refresh. For Partial Array Refresh (PAR) mode to be
activated, the register bit, A4 must be set to a “1” value. To
change the address space of the Partial Array Refresh (PAR)
mode, the CR register must be updated using the CR
register description. If the CR register is not updated after
power on, the A64E06161 will be in its default state and the
whole memory array will be refreshed.
Partial Array Refresh – Entry/Exit
Partial Array Mode/
Deep Power Down Mode
CE or
UB / LB
1us
suspend
tCDR
tR
ZZ
Figure 2: Partial Array refresh – Entry/Exit
Partial Array Mode Timings
Parameter
Description
Min.
Max.
Unit
tZZWE
ZZ LOW to WE LOW
1
µs
tCDR
Chip Deselect to ZZ LOW
0
µs
tR
Operation Recovery Time (Deep Power Down Mode only)
200
µs
tZZMIN
Deep Power Down Mode Time
10
µs
tZZCE
ZZ LOW to CE LOW
0
1
µs
tZZBE
ZZ LOW to
LD
UB
/
LOW
0
1
µs
Notes:
1. OE and the data pins are in a “don’t care” state while the device is in Partial Array Mode.
2. All other timing parameters are as shown in the switching characteristics section.
3. tR applies only in the Deep Power Down Mode.
4. Temperature Compensated Refresh (TCR) mode
In this mode, the hidden refresh rate can be optimized for the
operating temperature. At higher temperature, the DRAM cell
must be refreshed more often than at lower temperature. By
setting the temperature of operation in CR register, the
refresh rate can be optimized to meet the low standby
current at given operating temperature. There are four
selections (+15
°C, +45°C, +70°C, +85°C) in the CR register
description.
PRELIMINARY
(November, 2004, Version 0.1)
10
AMIC Technology, Corp.


Similar Part No. - A64E06161G-85

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
More results

Similar Description - A64E06161G-85

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CAX FIDELIX-FMP1617CAX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
AMIC Technology
A64S16161 AMICC-A64S16161 Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com