Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVCH162721PA Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74ALVCH162721PA
Description  3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH162721PA Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74ALVCH162721PA Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH162721PA Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH162721PA Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH162721PA Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH162721PA Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH162721PA Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EXTENDED COMMERCIAL TEMPERATURE RANGE
IDT74ALVCH162721
3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
GND
GND
GND
SO56-1
SO56-2
SO56-3
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
48
49
50
51
52
53
54
55
56
1
GND
GND
GND
25
26
27
28
32
31
30
29
CLK
D1
D2
OE
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
Q18
Q19
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
VCC
D17
D18
D19
GND
VCC
D20
CLKEN
VCC
VCC
GND
Q20
NC
ABSOLUTE MAXIMUM RATING (1)
Symbol
Description
Max.
Unit
VTERM(2)
Terminal Voltage
with Respect to GND
– 0.5 to + 4.6
V
VTERM(3)
Terminal Voltage
with Respect to GND
– 0.5 to
VCC + 0.5
V
TSTG
Storage Temperature
– 65 to + 150
°C
IOUT
DC Output Current
– 50 to + 50
mA
IIK
Continuous Clamp Current,
VI < 0 or VI
> VCC
± 50
mA
IOK
Continuous Clamp Current, VO < 0
– 50
mA
ICC
ISS
Continuous Current through
each VCC or GND
±100
mA
NEW16link
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
CAPACITANCE (TA = +25oC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
7
pF
COUT
Output
Capacitance
VOUT = 0V
7
9
pF
CI/O
I/O Port
Capacitance
VIN = 0V
7
9
pF
NEW16link
NOTE:
1. As applicable to the device type.
PIN CONFIGURATION
SSOP/
TSSOP/TVSOP
TOP VIEW
FUNCTION TABLE (each flip-flop)(1)
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High-Impedance
↑ = LOW-to-HIGH Transition
Q0 = Output level before the indicated steady-state input conditions were
established.
PIN DESCRIPTION
NOTE:
1. These pins have “Bus-Hold.” All other pins are standard inputs,
outputs, or I/Os.
Pin Names
Description
OE
3–State Output Enable Input (Active LOW)
Dx
Data Inputs
(1)
Qx
3-State Outputs
CLK
Clock Input
CLKEN
Clock Enable Input (Active LOW)
NC
No Internal Connection
Inputs
Output
OE
CLKEN
CLK
Dx
Qx
L
H
XXQ0
LL
HH
LL
LL
L
L
L or H
X
Q0
HX
X
X
Z


Similar Part No. - IDT74ALVCH162721PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCH16270 IDT-IDT74ALVCH16270 Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16270PA IDT-IDT74ALVCH16270PA Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16270PF IDT-IDT74ALVCH16270PF Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16270PV IDT-IDT74ALVCH16270PV Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results

Similar Description - IDT74ALVCH162721PA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVCH16721 RENESAS-IDT74ALVCH16721 Datasheet
239Kb / 7P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Integrated Device Techn...
IDT74ALVCH16721 IDT-IDT74ALVCH16721 Datasheet
66Kb / 6P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH32374 RENESAS-IDT74ALVCH32374 Datasheet
269Kb / 8P
   3.3V CMOS 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2009
IDT74ALVCH162374 RENESAS-IDT74ALVCH162374 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Pericom Semiconductor C...
PI74ALVCH16721 PERICOM-PI74ALVCH16721 Datasheet
271Kb / 5P
   3.3V 20-Bit Flip-Flop with 3-STATE Outputs
logo
Integrated Device Techn...
IDT74ALVCH162827 IDT-IDT74ALVCH162827 Datasheet
65Kb / 6P
   3.3V CMOS 20-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com