Electronic Components Datasheet Search |
|
AH174J-PL-B Datasheet(PDF) 3 Page - Anachip Corp |
|
AH174J-PL-B Datasheet(HTML) 3 Page - Anachip Corp |
3 / 6 page AH174 Inverted Output Hall Effect Latch For High Temperature Anachip Corp. www.anachip.com.tw Rev 0.7 May 7, 2004 3/6 Absolute Maximum Ratings ( at Ta= 25°C ) Characteristics Symbol Rating Unit Supply voltage VCC 20 V Output “off ” voltage Vout (off) 20 V Output “on” current Io (sink) 25 mA Operating Temperature range Topt -40~+125 °C Storage Temperature range Tstg -65~+150 °C SIP 550 mW Power Dissipation SOT23 PD 230 mW Electrical Characteristics ( Ta= 25 °C ) Parameter Symbol Conditions Min. Typ. Max. Unit Supply voltage Vcc — 3.5 - 20 V Output saturation voltage Vout(sat) VCC=12V, OUT ”ON” Io =10mA - 300 400 mV Supply current Icc VCC=12V, OUT ”OFF” - 3.5 6 mA Magnetic Characteristics (Ta= 25°C ) (1mT = 10 Gauss) A grade Parameter Symbol Min. Typ. Max. Unit Operate Point Bop 15 - 60 Gauss Release Point Brp -60 - -15 Gauss Hysteresis Bhy - 80 - Gauss B grade Parameter Symbol Min. Typ. Max. Unit Operate Point Bop 5 - 80 Gauss Release Point Brp -80 - -5 Gauss Hysteresis Bhy - 80 - Gauss |
Similar Part No. - AH174J-PL-B |
|
Similar Description - AH174J-PL-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |