Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM200RLA060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM200RLA060
Description  Intellimod L-Series Three Phase IGBT Inverter Brake 200 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM200RLA060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM200RLA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM200RLA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM200RLA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM200RLA060 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ L-Series
Three Phase
IGBT Inverter + Brake
200 Amperes/600 Volts
PM200RLA060
1
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
£
Complete Output Power
Circuit
£
Gate Drive Circuit
£
Protection Logic
– Short Circuit
– Over Temperature
Using On-chip
Temperature Sensing
– Under Voltage
£
Low Loss Using 5th
Generation IGBT Chip
Applications:
£
Inverters
£
UPS
£
Motion/Servo Control
£
Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM200RLA060 is a 600V,
200 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
200
60
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
5.31
135.0
B
4.33±0.02
110±0.5
C
4.33
110.0
D
3.07
78.0±0.5
E
2.81
71.5
F
2.62
66.5
G
1.37
34.7
H
1.32
33.6
J
0.95+0.04/-0.01 24.1+1.0/-0.5
K
1.02
26.0
L
1.59
40.5
M
0.79
20.0
N
0.65
16.5
P
0.43±0.01
11.0±0.3
Q
1.19
30.15
R
0.43
11.0
Dimensions
Inches
Millimeters
S
0.51
13.0
T
0.16
4.0
U
0.1 Dia.
Dia.2.5
V
0.02 Sq.
Sq. 0.5
W
M5 Metric
M5
X
0.22 Dia.
Dia. 5.5
Y
0.24 Rad.
Rad. 6
Z
0.39
10.0
AA
0.13
3.25
AB
0.08
2.0
AC
0.24
6.05
AD
0.71
18.0
AE
0.46
11.7
AF
0.74
18.7
AG
0.41
10.5
AH
0.85
21.5
B
K
K
L
D
M
M
N
A
S
T
F
E
Q
Z
AA
Z
Z
P
J
R
G
H
C
V SQ. PIN
(19 TYP.)
X (4
PLACES)
AC
AC
AE
AG
AG
W (6
PLACES)
Y
(4 PLACES)
W
V
1
4
5
8
9
12
13
19
U
B
N
P
AB
19 FO
17 VN
14 VN1
11 WP
8 VVP1
2 UFO
6 VFO
5 VVPC
3 UP
7 VP
9 VWPC
10 WFO
12 VWP1
1 VUPC
4 VUP1
16 UN
15 Br
18 WN
13 VNC
TERMINAL
CODE
U
(2 TYP.)
AF
AC
AH
AD
OT
OT
OT
OT
P
U
Br
V
W
N
B
OT
OT
OT
UN
FO VNC WN VN1
VN
VWPC
WP
WFO
VWP1
VVPC
VP
VFO
VVP1
VUPC
UP
UFO
VUP1


Similar Part No. - PM200RLA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200RLA060 MITSUBISHI-PM200RLA060 Datasheet
103Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200RLA060 MITSUBISHI-PM200RLA060 Datasheet
138Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM200RLA060 MITSUBISHI-PM200RLA060_05 Datasheet
138Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200RLA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM200CL1A060 POWEREX-PM200CL1A060 Datasheet
669Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 200 Amperes/600 Volts
PM300RLA060 POWEREX-PM300RLA060 Datasheet
203Kb / 6P
   Intellimod L-Series Three Phase IGBT Inverter Brake 300 Amperes/600 Volts
PM150RLA060 POWEREX-PM150RLA060 Datasheet
224Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter Brake 150 Amperes/600 Volts
PM150RLB060 POWEREX-PM150RLB060 Datasheet
226Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter Brake 150 Amperes/600 Volts
PM200RSD060 POWEREX-PM200RSD060 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM200RSA060 POWEREX-PM200RSA060 Datasheet
82Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM600CLA060 POWEREX-PM600CLA060 Datasheet
281Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 600 Amperes/600 Volts
PM200RL1A060 POWEREX-PM200RL1A060 Datasheet
717Kb / 7P
   Three Phase IGBT Inverter Brake 200 Amperes/600 Volts
PM300CL1A060 POWEREX-PM300CL1A060 Datasheet
669Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 300 Amperes/600 Volts
PM150CLB060 POWEREX-PM150CLB060 Datasheet
196Kb / 4P
   Intellimod??L-Series Three Phase IGBT Inverter 150 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com