Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IDT74ALVC1G00 Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. IDT74ALVC1G00
Description  3.3V CMOS SINGLE 2-INPUT POSITIVE-NAND GATE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

   
 6 page
background image
6
EXTENDED COMMERCIAL TEMPERATURE RANGE
IDT74ALVC1G00
3.3V CMOS SINGLE 2-INPUT POSITIVE-NAND GATE
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
2975 Stender Way
800-345-7015 or 408-727-6116
Santa Clara, CA 95054
fax: 408-492-8674
www.idt.com*
PICOGATE-LOGIC (DY) PACKAGES
Due to their small size, PicoGate-Logic packages require more complex symbolization guidelines. IDT’s 5-pin PSOP (DY) packaged devices
utilize a three-symbol name rule. The first symbol denotes device technology, the second symbol denotes device function, and the third symbol
denotes a wafer fab/assembly site code for internal tracking.
EXAMPLES:
1. A PicoGate-Logic device with package code LR* is an IDT74LVC1G79A.
2. A PicoGate-Logic device with package code GC* is an IDT74ALVC1G04.
PICOGATE-LOGIC (DY) PACKAGE SYMBOLIZATION GUIDELINES
NOTE:
1. Code to be determined.
TECHNOLOGY
CODE
ALVC
G
ALVCH
J
LVC
L
LVCH(1)
FUNCTION
CODE
00
A
02
B
04
C
U04
D
06
T
07
V
08
E
14
F
32
G
79
R
86
H
125
M
126
N
132
Y
IDT
XX
ALVC
XXX
XX
Package
Device Type
Tem p. R ange
DY
74
Plastic Sm all Outline Package (SO5-1)
Single 2-Input Positive-N AN D G ate, ±24m A
– 40°C to +85°C
1G00




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74ALVC1G863.3V CMOS SINGLE 2-INPUT EXCLUSIVE-OR GATE 1 2 3 4 5 MoreIntegrated Device Technology
74LX1G32LOW VOLTAGE CMOS SINGLE 2-INPUT OR GATE WITH 5V TOLERANT INPUT 1 2 3 4 5 MoreSTMicroelectronics
SN74AUP1G00LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE 1 2 3 4 5 MoreTexas Instruments
IDT74LVC08A3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE WITH 5 VOLT TOLERANT I/O 1 2 3 4 5 Integrated Device Technology
SN74AHC1G00-Q1SINGLE 2-INPUT POSITIVE-NAND GATE 1 2 3 4 5 MoreTexas Instruments
SN74AHC1G00SINGLE 2-INPUT POSITIVE-NAND GATE 1 2 3 4 5 Texas Instruments
74LX1G08LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT 1 2 3 4 5 MoreSTMicroelectronics
SN74LVC1G00SINGLE 2-INPUT POSITIVE-NAND GATE 1 2 3 4 5 MoreTexas Instruments
IDT74LVC32A3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-OR GATE WITH 5 VOLT TOLERANT I/O 1 2 3 4 5 Integrated Device Technology
IDT74ALVC083.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE 1 2 3 4 5 Integrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl