Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVC1G00 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74ALVC1G00
Description  3.3V CMOS SINGLE 2-INPUT POSITIVE-NAND GATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVC1G00 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74ALVC1G00 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVC1G00 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVC1G00 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVC1G00 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVC1G00 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVC1G00 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
EXTENDED COMMERCIAL TEMPERATURE RANGE
IDT74ALVC1G00
3.3V CMOS SINGLE 2-INPUT POSITIVE-NAND GATE
O pen
V LOAD
GN D
V CC
Pulse
G enerato r
D.U.T.
1000
10 00
C L
RT
V IN
V OUT
(1)
ALVC 1G Link
DATA
IN PU T
0V
0V
0V
0V
tREM
TIM IN G
IN PU T
AS YNCHRO N OU S
CO NTRO L
SY NCHRO N OU S
CO NTRO L
tSU
tH
tSU
tH
VIH
VT
VIH
VT
VIH
VT
VIH
VT
LO W -H IGH -LOW
PU LSE
H IGH -LOW -H IGH
PU LSE
VT
tW
VT
ALVC 1G Link
SA M E PH A SE
IN PU T TR A N SIT IO N
O PPO SITE PH A SE
IN PU T TR A N SIT IO N
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OU TPU T
VIH
V T
VT
VIH
VT
CO NTRO L
IN PU T
tPLZ
0V
OU TPU T
NO RMA LLY
LO W
tPZH
0V
SW ITCH
CLO SE D
OU TPU T
NO RMA LLY
HIG H
EN A BLE
D ISA BLE
SW ITCH
OPEN
tPHZ
0V
VLZ
V OH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VHZ
ALVC 1G Link
ALVC 1G Link
ALVC 1G Link
TEST CONDITIONS
PROPAGATION DELAY
TEST CIRCUITS FOR ALL OUTPUTS
ENABLE AND DISABLE TIMES
SET-UP, HOLD, AND RELEASE TIMES
SWITCH POSITION
PULSE WIDTH
1.8V ±±±±± 0.15V TEST CIRCUITS AND WAVEFORMS:
Symbol
VCC(1)= 1.8V ± 0.15V
Unit
VLOAD
2 x VCC
V
VIH
VCC
V
VT
VCC / 2
V
VLZ
150
mV
VHZ
150
mV
CL
30
pF
ALVC 1G Link
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH.
Test
Switch
Open Drain
Disable Low
Enable Low
VLOAD
Disable High
Enable High
GND
All Other tests
Open
ALVC 1G Link
NOTE:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.


Similar Part No. - IDT74ALVC1G00

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC1G04 IDT-IDT74ALVC1G04 Datasheet
98Kb / 6P
   3.3V CMOS SINGLE INVERTER GATE
IDT74ALVC1G04DY IDT-IDT74ALVC1G04DY Datasheet
98Kb / 6P
   3.3V CMOS SINGLE INVERTER GATE
More results

Similar Description - IDT74ALVC1G00

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com