Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L400AUG-90F Datasheet(PDF) 7 Page - AMIC Technology

Part # A29L400AUG-90F
Description  512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L400AUG-90F Datasheet(HTML) 7 Page - AMIC Technology

Back Button A29L400AUG-90F Datasheet HTML 3Page - AMIC Technology A29L400AUG-90F Datasheet HTML 4Page - AMIC Technology A29L400AUG-90F Datasheet HTML 5Page - AMIC Technology A29L400AUG-90F Datasheet HTML 6Page - AMIC Technology A29L400AUG-90F Datasheet HTML 7Page - AMIC Technology A29L400AUG-90F Datasheet HTML 8Page - AMIC Technology A29L400AUG-90F Datasheet HTML 9Page - AMIC Technology A29L400AUG-90F Datasheet HTML 10Page - AMIC Technology A29L400AUG-90F Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
A29L400A Series
PRELIMINARY
(July, 2005, Version 0.0)
6
AMIC Technology, Corp.
Word/Byte Configuration
The
BYTE pin determines whether the I/O pins I/O15-I/O0
operate in the byte or word configuration. If the
BYTE pin is
set at logic ”1”, the device is in word configuration, I/O15-I/O0
are active and controlled by
CE and OE .
If the
BYTE pin is set at logic “0”, the device is in byte
configuration, and only I/O0-I/O7 are active and controlled by
CE and OE . I/O8-I/O14 are tri-stated, and I/O15 pin is used
as an input for the LSB(A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive
the
CE and OE pins to VIL. CE is the power control and
selects the device.
OE is the output control and gates array
data to the output pins.
WE should remain at VIH all the time
during read operation. The
BYTE pin determines whether
the device outputs array data in words and bytes. The
internal state machine is set for reading array data upon
device power-up, or after a hardware reset. This ensures that
no spurious alteration of the memory content occurs during
the power transition. No command is necessary in this mode
to obtain array data. Standard microprocessor read cycles
that assert valid addresses on the device address inputs
produce valid data on the device data outputs. The device
remains enabled for read access until the command register
contents are altered.
See "Reading Array Data" for more information. Refer to the
AC Read Operations table for timing specifications and to the
Read Operations Timings diagram for the timing waveforms,
lCC1 in the DC Characteristics table represents the active
current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory), the system must drive
WE and CE to VIL, and
OE to VIH. For program operations, the BYTE pin
determines whether the device accepts program data in
bytes or words, Refer to “Word/Byte Configuration” for more
information. The device features an Unlock Bypass mode to
facilitate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are required to
program a word or byte, instead of four.
The “ Word / Byte Program Command Sequence” section
has details on programming data to the device using both
standard and Unlock Bypass command sequence. An erase
operation can erase one sector, multiple sectors, or the
entire device. The Sector Address Tables indicate the
address range that each sector occupies. A "sector address"
consists of the address inputs required to uniquely select a
sector. See the "Command Definitions" section for details on
erasing a sector or the entire chip, or suspending/resuming
the erase operation.
After the system writes the autoselect command sequence,
the device enters the autoselect mode. The system can then
read autoselect codes from the internal register (which is
separate from the memory array) on I/O7 - I/O0. Standard
read cycle timings apply in this mode. Refer to the
"Autoselect Mode" and "Autoselect Command Sequence"
sections for more information.
ICC2 in the DC Characteristics table represents the active
current
specification
for
the
write
mode.
The
"AC
Characteristics" section contains timing specification tables
and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status bits
on I/O7 - I/O0. Standard read cycle timings and ICC read
specifications apply. Refer to "Write Operation Status" for
more information, and to each AC Characteristics section for
timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it
can place the device in the standby mode. In this mode,
current consumption is greatly reduced, and the outputs are
placed in the high impedance state, independent of the
OE
input.
The device enters the CMOS standby mode when the
CE &
RESET pins are both held at VCC ± 0.3V. (Note that this is a
more restricted voltage range than VIH.) If
CE and RESET
are held at VIH, but not within VCC
± 0.3V, the device will be
in the standby mode, but the standby current will be greater.
The device requires the standard access time (tCE) before it
is ready to read data.
If the device is deselected during erasure or programming,
the device draws active current until the operation is
completed.
ICC3 and ICC4 in the DC Characteristics tables represent the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy
consumption. The device automatically enables this mode
when addresses remain stable for tACC +30ns. The automatic
sleep mode is independent of the
CE , WE and OE control
signals. Standard address access timings provide new data
when addresses are changed. While in sleep mode, output
data is latched and always available to the system. ICC4 in the
DC Characteristics table represents the automatic sleep
mode current specification.
Output Disable Mode
When the
OE input is at VIH, output from the device is
disabled. The output pins are placed in the high impedance
state.
RESET : Hardware Reset Pin
The RESET pin provides a hardware method of resetting
the device to reading array data. When the system drives the
RESET pin low for at least a period of tRP, the device
immediately terminates any operation in progress, tristates
all data output pins, and ignores all read/write attempts for
the duration of the RESET pulse. The device also resets the
internal state machine to reading array data. The operation
that was interrupted should be reinitiated once the device is
ready to accept another command sequence, to ensure data
integrity.
Current is reduced for the duration of the RESET pulse.
When RESET is held at VSS ± 0.3V, the device draws


Similar Part No. - A29L400AUG-90F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
   Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400CTG-70F AMICC-A29L400CTG-70F Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400CTG-70UF AMICC-A29L400CTG-70UF Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L400AUG-90F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400 AMICC-A29400 Datasheet
497Kb / 33P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com