Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63L8336E-2.8F Datasheet(PDF) 7 Page - AMIC Technology

Part # A63L8336E-2.8F
Description  256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L8336E-2.8F Datasheet(HTML) 7 Page - AMIC Technology

Back Button A63L8336E-2.8F Datasheet HTML 3Page - AMIC Technology A63L8336E-2.8F Datasheet HTML 4Page - AMIC Technology A63L8336E-2.8F Datasheet HTML 5Page - AMIC Technology A63L8336E-2.8F Datasheet HTML 6Page - AMIC Technology A63L8336E-2.8F Datasheet HTML 7Page - AMIC Technology A63L8336E-2.8F Datasheet HTML 8Page - AMIC Technology A63L8336E-2.8F Datasheet HTML 9Page - AMIC Technology A63L8336E-2.8F Datasheet HTML 10Page - AMIC Technology A63L8336E-2.8F Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
A63L8336
PRELIMINARY
(July, 2005, Version 0.0)
6
AMIC Technology, Corp.
Notes: 1. X = "Disregard", H = Logic High, L = Logic Low.
2. WRITE = L means:
1) Any BWx ( BW1 , BW2 , BW3 , or BW4 ) and BWE are low or
2) GW is low.
3. All inputs except OE must be synchronized with setup and hold times around the rising edge (L-H) of CLK.
4. For write cycles that follow read cycles, OE must be HIGH before the input data request setup time and held
HIGH throughout the input data hold time.
5. ADSP LOW always initiates an internal Read at the L-H edge of CLK. A Write is performed by setting one or
more byte write enable signals and BWE LOW or GW LOW for the subsequent L-H edge of CLK. Refer to
the Write timing diagram for clarification.
Write Truth Table
Operation
GW
BWE
BW1
BW2
BW3
BW4
READ
H
H
X
X
X
X
READ
H
L
H
H
H
H
WRITE Byte 1
H
L
L
H
H
H
WRITE all bytes
H
L
L
L
L
L
WRITE all bytes
L
X
X
X
X
X


Similar Part No. - A63L8336E-2.8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E AMICC-A63L83361E Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-6.5 AMICC-A63L83361E-6.5 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-6.5F AMICC-A63L83361E-6.5F Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-7.5 AMICC-A63L83361E-7.5 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63L8336E-2.8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P0636 AMICC-A63P0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com