Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L400AUV-90I Datasheet(PDF) 11 Page - AMIC Technology

Part # A29L400AUV-90I
Description  512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L400AUV-90I Datasheet(HTML) 11 Page - AMIC Technology

Back Button A29L400AUV-90I Datasheet HTML 7Page - AMIC Technology A29L400AUV-90I Datasheet HTML 8Page - AMIC Technology A29L400AUV-90I Datasheet HTML 9Page - AMIC Technology A29L400AUV-90I Datasheet HTML 10Page - AMIC Technology A29L400AUV-90I Datasheet HTML 11Page - AMIC Technology A29L400AUV-90I Datasheet HTML 12Page - AMIC Technology A29L400AUV-90I Datasheet HTML 13Page - AMIC Technology A29L400AUV-90I Datasheet HTML 14Page - AMIC Technology A29L400AUV-90I Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
A29L400A Series
PRELIMINARY
(July, 2005, Version 0.0)
10
AMIC Technology, Corp.
START
PLSCNT=1
RESET=VID
Wait 1 us
First Write
Cycle=60h?
Set up sector
address
Sector Protect
Write 60h to sector
address with A6=0,
A1=1, A0=0
Wait 150 us
Verify Sector
Protect: Write 40h
to sector address
with A6=0, A1=1,
A0=0
Read from
sector address
with A6=0,
A1=1, A0=0
Data=01h?
Protect another
sector?
Remove VID
from RESET
Write reset
command
Sector Protect
complete
Sector Protect
Algorithm
Temporary Sector
Unprotect Mode
Increment
PLSCNT
PLSCNT
=25?
Device failed
No
No
No
Yes
Reset
PLSCNT=1
Yes
Yes
No
Protect all sectors:
The indicated portion of
the sector protect
algorithm must be
performed for all
unprotected sectors prior
to issuing the first sector
unprotect address
START
PLSCNT=1
RESET=VID
Wait 1 us
First Write
Cycle=60h?
No
Temporary Sector
Unprotect Mode
Yes
No
All sectors
protected?
Set up first sector
address
Sector Unprotect:
Write 60h to sector
address with A6=1,
A1=1, A0=0
Wait 500 ms
Verify Sector
Unprotect : Write
40h to sector
address with A6=1,
A1=1, A0=0
Read from sector
address with A6=1,
A1=1, A0=0
Data=00h?
Last sector
verified?
Remove VID
from RESET
Write reset
Command
Sector Unprotect
complete
Yes
Yes
Set up
next sector
address
No
Yes
Yes
Sector Unprotect
Algorithm
Increment
PLSCNT
PLSCNT=
1000?
Device failed
Yes
No
No
Figure 2. In-System Sector Protect/Unprotect Algorithms


Similar Part No. - A29L400AUV-90I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
   Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400CTG-70F AMICC-A29L400CTG-70F Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400CTG-70UF AMICC-A29L400CTG-70UF Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L400AUV-90I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400 AMICC-A29400 Datasheet
497Kb / 33P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com