Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63L8336E-2.6 Datasheet(PDF) 5 Page - AMIC Technology

Part # A63L8336E-2.6
Description  256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L8336E-2.6 Datasheet(HTML) 5 Page - AMIC Technology

  A63L8336E-2.6 Datasheet HTML 1Page - AMIC Technology A63L8336E-2.6 Datasheet HTML 2Page - AMIC Technology A63L8336E-2.6 Datasheet HTML 3Page - AMIC Technology A63L8336E-2.6 Datasheet HTML 4Page - AMIC Technology A63L8336E-2.6 Datasheet HTML 5Page - AMIC Technology A63L8336E-2.6 Datasheet HTML 6Page - AMIC Technology A63L8336E-2.6 Datasheet HTML 7Page - AMIC Technology A63L8336E-2.6 Datasheet HTML 8Page - AMIC Technology A63L8336E-2.6 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
A63L8336
PRELIMINARY
(July, 2005, Version 0.0)
4
AMIC Technology, Corp.
Pin Description
Pin No.
Symbol
Description
32 – 37, 43 - 50, 81, 82,
99, 100
A0 - A17
Address Inputs
89
CLK
Clock
87, 93 - 96
BWE , BW1 - BW4
Byte Write Enables
88
GW
Global Write
86
OE
Output Enable
92, 97, 98
CE2 ,CE2, CE
Chip Enables
83
ADV
Burst Address Advance
84
ADSP
Processor Address Status
85
ADSC
Controller Address Status
31
MODE
Burst Mode: HIGH or NC (Interleaved burst)
LOW (Linear burst)
64
ZZ
Asynchronous Power-Down (Snooze): HIGH (Sleep)
LOW or NC (Wake up)
1,2, 3, 6 - 9, 12, 13, 18,
19, 22 - 25, 28, 29,
30,51,52, 53,
56 - 59, 62, 63, 68, 69, 72
- 75, 78, 79,80
I/O1- I/O36
Data Inputs/Outputs
15, 41, 65, 91
VCC
Power Supply
17, 40, 67, 90
GND
Ground
4, 11, 20, 27,
54, 61, 70, 77
VCCQ
Isolated Output Buffer Supply
5, 10, 21, 26,
55, 60, 71, 76
GNDQ
Isolated Output Buffer Ground


Similar Part No. - A63L8336E-2.6

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E AMICC-A63L83361E Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-6.5 AMICC-A63L83361E-6.5 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-6.5F AMICC-A63L83361E-6.5F Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-7.5 AMICC-A63L83361E-7.5 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63L8336E-2.6

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P0636 AMICC-A63P0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com