Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8413MX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN8413MX
Description  2 Phase Half Wave BLDC Motor Predriver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8413MX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN8413MX Datasheet HTML 1Page - Fairchild Semiconductor FAN8413MX Datasheet HTML 2Page - Fairchild Semiconductor FAN8413MX Datasheet HTML 3Page - Fairchild Semiconductor FAN8413MX Datasheet HTML 4Page - Fairchild Semiconductor FAN8413MX Datasheet HTML 5Page - Fairchild Semiconductor FAN8413MX Datasheet HTML 6Page - Fairchild Semiconductor FAN8413MX Datasheet HTML 7Page - Fairchild Semiconductor FAN8413MX Datasheet HTML 8Page - Fairchild Semiconductor FAN8413MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FAN8412M/FAN8413M
5
Electrical Characteristics
(Ta=25
°C, VCC=12V unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max. Unit
TOTAL
Supply Current
ICC
When output is off.
-
3.2
5.0
mA
HALL AMPLIFIER INPUT RANGE
Pin2,4 Hall Input Range
VHDC
-
1
-
Vcc-2
V
Pin2,4 Hall Input Offest
VHOF
-15
-
-
mV
LOCK DETECTOR & AUTO RESTART
Pin6 Lock Detector Charging Current
ILDC
VLD=1.5V
2.2
3.8
5.7
µA
Pin6 Lock Detector Discharging Current
ILDD
VLD=1.5V
0.4
0.88
1.6
µA
Pin6 Lock Detector Charging/Discharging Ratio
RCD
RCD=ILDC/ILDD
35
7
Pin6 Lock Detector Capacitor Clamp Voltage
VLDCL
-
2.54
2.94
3.34
V
Pin6 Lock Detector Capacitor Comparator Voltage
VLDCP
-
0.54
0.74
0.94
V
OUTPUT STAGE
Pin7, 8 Output High Level Voltage
VOH
IO=10mA
10
10.5
-
V
Pin7, 8 Output Low Level Voltage
VOL
IO=10mA
-
-
0.5
V
AL / TACO OUTPUT
Pin3 Alarm Output Low Level Voltage
VALL
IO=10mA
-
0.2
0.5
V
Pin3 Alarm Output Current Capacity
IAL
VAL=2.0V
8
-
-
mA
Pin3 Taco Output Low Level Voltage
VTACOL
IO=10mA
-
0.2
0.5
V
Pin3 Taco Output Current Capacity
ITACOL
VTACO=2.0V
8
-
-
mA


Similar Part No. - FAN8413MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8400BD3 FAIRCHILD-FAN8400BD3 Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3TF FAIRCHILD-FAN8403D3TF Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
More results

Similar Description - FAN8413MX

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
BA6404F ROHM-BA6404F Datasheet
38Kb / 3P
   2-phase half-wave motor predriver
BA6402F ROHM-BA6402F Datasheet
46Kb / 3P
   2-phase half-wave motor predriver
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
Texas Instruments
TMP821 TI1-TMP821 Datasheet
523Kb / 13P
[Old version datasheet]   TWO-PHASE HALF-WAVE MOTOR PREDRIVER
logo
Unisonic Technologies
UA9406 UTC-UA9406 Datasheet
94Kb / 5P
   LINEAR INTEGRATED CIRCUIT (2-PHASE HALF-WAVE MOTOR PREDRIVER)
logo
Rohm
BA6809F ROHM-BA6809F Datasheet
88Kb / 6P
   2-phase half-wave motor driver
BA6407AF ROHM-BA6407AF Datasheet
84Kb / 6P
   2-phase half-wave motor driver
logo
Sanyo Semicon Device
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com