Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPT-BP2914 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BPT-BP2914
Description  SILICON PHOTO TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BPT-BP2914 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BPT-BP2914 Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATIONS
1 Remote Control , 1 Photo Detector, 1 Smoke Detector, 1 Automatic Control System 1 Optical Encoder
ABSOLUTE MAXIMUM RATINGS (Ta=25 )
1 Collector-to-Emitter Saturation Voltage Vce(SAT) .(Ib=100uA) /Ic=2mA
0.4V( Max. )
1 Emitter-to-collector Breakdown Voltage(BVeco)
5V( Max. )
1 Operating Temperature Range
(-45 ~+85 )
1 Storage Temperature Range
(-45 ~+100 )
1 Lead Soldering Temperature (1/16inch from case)
( 5 sec 250 )
ELECTRICAL AND RADIANT CHARACTERISTICS (Ta=25
Absolute
Maximum
Rating
Collector Light Current
( IC(ON) )
Collector
Dark Current
(Iceo)
Rise Time
&
Fall Time
Package
Part No.
Vceo
(V)
Pd
(mW)
Lens
Appearance Min.
(mA)
Typ.
(mA)
Vce
(V)
H
(mW/cm3)
Max.
(nA)
Vce
(V)
Tr
(us)
Tf
(us)
Peak
Wave
Length
P
(nm)
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BPT-BP0331
Water Clear
0.5
2.0
5.0
100
10
10
15
BPT-BP0931
Black
0.5
2.0
5.0
100
10
10
15
BPT-BP1331
Water Clear
1.0
3.0
5.0
100
10
10
15
BPT-BP1931
Black
1.0
3.0
5.0
100
10
10
15
BPT-BP2331
Water Clear
1.5
4.0
5.0
100
10
10
15
T-1
Standard
1.0" Lead
3
BPT-BP2931
30
100
Black
1.5
4.0
5.0
100
10
10
15
30
PT-01
BPT-BP0314
Water Clear
0.8
3.0
5.0
100
10
10
15
BPT-BP0914
Black
0.8
3.0
5.0
100
10
10
15
BPT-BP1314
Water Clear
1.2
4.0
5.0
100
10
10
15
BPT-BP1914
Black
1.2
4.0
5.0
100
10
10
15
BPT-BP2314
Water Clear
1.7
5.0
5.0
100
10
10
15
T-13/4
Standard
1.0" Lead
5
BPT-BP2914
30
100
Black
1.7
5.0
5.0
100
10
10
15
35
PT-02
BPT-NP03C1
Water Clear
0.5
1.5
5.0
100
10
10
15
BPT-NP13C1
Water Clear
0.5
2.5
5.0
100
10
10
15
Side Viewing
1.5*4.5*5.7
BPT-NP23C1
30
100
Water Clear
0.5
3.5
5.0
1.0
100
10
10
15
940
50
PT-03
PT-01
BPT-BPxx31
PT-02
BPT-BPxx14
PT-03
BPT-NPx3C1
Notes 1.All Dimensions are in millimeters (inches).
2.Tolerance isA0.25mm (.010 ).
3.00(.118)
25.4(1.0) MIN.
0.5(.02) SQ. TYP.
1.0(.04)
0.81(.032)
MIN.
(.10) NOM.
2.54
3.8(.15)
FLAT DENOTES CATHODE
5.30(.209)
1.5(.059) MAX.
1.0 0.1
A
19.80(.780) MIN.
1.00(.039) MIN.
2.54(.100) NOM.
5.00(.197)
8.62(.339)
FLAT DENOTES CATHODE
5.70(.224)
(.04 .004)
A
1.5(.059) MAX.
1.00(.039)
0.5(.02) SQ.TYP.
(.020)
E0.5
2.54(.100)
(.177 .004)
A
4.5 0.1
A
(.051)
1.30.1
16.5(.6.50)
1.EMITTER
2.COLLECTOR
NOM.
2
1
5.7(.224) 0.3
A
1.5(.059) 0.1
A
0.75R
15.0(.591)
........................................................................................................
...............................................................................................................................................
........................................................................................................................................................................
..........................................................................................................................................................................
............................................................................................................................................
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BPT-BP2914

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BPT-BP2931 BRIGHT-BPT-BP2931 Datasheet
110Kb / 3P
   LED
BPT-BP2934 BRIGHT-BPT-BP2934 Datasheet
90Kb / 2P
   END- LOOK PACKAGE PHOTOTRANSISTOR
More results

Similar Description - BPT-BP2914

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KDT5001A_0604 KODENSHI-KDT5001A_0604 Datasheet
541Kb / 2P
   Silicon photo transistor
OPB0462 KODENSHI-OPB0462 Datasheet
139Kb / 1P
   Silicon Photo Transistor
OPB0606 KODENSHI-OPB0606 Datasheet
119Kb / 1P
   Silicon Photo Transistor
OPB0808 KODENSHI-OPB0808 Datasheet
102Kb / 1P
   Silicon Photo Transistor
OPB0505P KODENSHI-OPB0505P Datasheet
67Kb / 1P
   Silicon Photo Transistor
OPB1104 KODENSHI-OPB1104 Datasheet
104Kb / 1P
   Silicon Photo Transistor
KDT5002A KODENSHI-KDT5002A Datasheet
404Kb / 3P
   Silicon photo transistor
OPB0604 KODENSHI-OPB0604 Datasheet
101Kb / 1P
   Silicon Photo Transistor
OPB0642 KODENSHI-OPB0642 Datasheet
100Kb / 1P
   Silicon Photo Transistor
KDT3002A KODENSHI-KDT3002A Datasheet
240Kb / 2P
   Silicon photo transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com