Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L160ATG-90U Datasheet(PDF) 8 Page - AMIC Technology

Part # A29L160ATG-90U
Description  2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L160ATG-90U Datasheet(HTML) 8 Page - AMIC Technology

Back Button A29L160ATG-90U Datasheet HTML 4Page - AMIC Technology A29L160ATG-90U Datasheet HTML 5Page - AMIC Technology A29L160ATG-90U Datasheet HTML 6Page - AMIC Technology A29L160ATG-90U Datasheet HTML 7Page - AMIC Technology A29L160ATG-90U Datasheet HTML 8Page - AMIC Technology A29L160ATG-90U Datasheet HTML 9Page - AMIC Technology A29L160ATG-90U Datasheet HTML 10Page - AMIC Technology A29L160ATG-90U Datasheet HTML 11Page - AMIC Technology A29L160ATG-90U Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
A29L160A Series
(May, 2005, Version 0.1)
7
AMIC Technology, Corp.
The RESET pin may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from the
Flash memory.
If RESET is asserted during a program or erase operation,
the RY/
BY pin remains a “0” (busy) until the internal reset
operation is complete, which requires a time tREADY (during
Embedded Algorithms). The system can thus monitor
RY/
BY to determine whether the reset operation is
complete. If RESET is asserted when a program or erase
operation is not executing (RY/
BY pin is “1”), the reset
operation is completed within a time of tREADY (not during
Embedded Algorithms). The system can read data tRH after
the RESET pin return to VIH.
Refer
to
the
AC
Characteristics
tables
for
RESET
parameters and diagram.
Table 2. A29L160A Top Boot Block Sector Address Table
Address Range (in hexadecimal)
Sector
A19
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Byte Mode
(x8)
Word Mode (x16)
SA0
0
0
0
0
0
X
X
X
64/32
000000 - 00FFFF
00000 - 07FFF
SA1
0
0
0
0
1
X
X
X
64/32
010000 - 01FFFF
08000 - 0FFFF
SA2
0
0
0
1
0
X
X
X
64/32
020000 - 02FFFF
10000 - 17FFF
SA3
0
0
0
1
1
X
X
X
64/32
030000 - 03FFFF
18000 - 1FFFF
SA4
0
0
1
0
0
X
X
X
64/32
040000 - 04FFFF
20000 - 27FFF
SA5
0
0
1
0
1
X
X
X
64/32
050000 - 05FFFF
28000 - 2FFFF
SA6
0
0
1
1
0
X
X
X
64/32
060000 - 06FFFF
30000 - 37FFF
SA7
0
0
1
1
1
X
X
X
64/32
070000 - 07FFFF
38000 - 3FFFF
SA8
0
1
0
0
0
X
X
X
64/32
080000 - 08FFFF
40000 - 47FFF
SA9
0
1
0
0
1
X
X
X
64/32
090000 - 09FFFF
48000 - 4FFFF
SA10
0
1
0
1
0
X
X
X
64/32
0A0000 - 0AFFFF
50000 - 57FFF
SA11
0
1
0
1
1
X
X
X
64/32
0B0000 - 0BFFFF
58000 - 5FFFF
SA12
0
1
1
0
0
X
X
X
64/32
0C0000 - 0CFFFF
60000 - 67FFF
SA13
0
1
1
0
1
X
X
X
64/32
0D0000 - 0DFFFF
68000 - 6FFFF
SA14
0
1
1
1
0
X
X
X
64/32
0E0000 - 0EFFFF
70000 - 77FFF
SA15
0
1
1
1
1
X
X
X
64/32
0F0000 - 0FFFFF
78000 - 7FFFF
SA16
1
0
0
0
0
X
X
X
64/32
100000 - 10FFFF
80000 - 87FFF
SA17
1
0
0
0
1
X
X
X
64/32
110000 - 11FFFF
88000 - 8FFFF
SA18
1
0
0
1
0
X
X
X
64/32
120000 - 12FFFF
90000 - 97FFF
SA19
1
0
0
1
1
X
X
X
64/32
130000 - 13FFFF
98000 - 9FFFF
SA20
1
0
1
0
0
X
X
X
64/32
140000 - 14FFFF
A0000 - A7FFF
SA21
1
0
1
0
1
X
X
X
64/32
150000 - 15FFFF
A8000 - AFFFF
SA22
1
0
1
1
0
X
X
X
64/32
160000 - 16FFFF
B0000 - B7FFF
SA23
1
0
1
1
1
X
X
X
64/32
170000 - 17FFFF
B8000 - BFFFF
SA24
1
1
0
0
0
X
X
X
64/32
180000 - 18FFFF
C0000 - C7FFF
SA25
1
1
0
0
1
X
X
X
64/32
190000 - 19FFFF
C8000 - CFFFF
SA26
1
1
0
1
0
X
X
X
64/32
1A0000 - 1AFFFF
D0000 - D7FFF
SA27
1
1
0
1
1
X
X
X
64/32
1B0000 - 1BFFFF
D8000 - DFFFF
SA28
1
1
1
0
0
X
X
X
64/32
1C0000 - 1CFFFF
E0000 - E7FFF
SA29
1
1
1
0
1
X
X
X
64/32
1D0000 - 1DFFFF
E8000 - EFFFF
SA30
1
1
1
1
0
X
X
X
64/32
1E0000 - 1EFFFF
F0000 - F7FFF
SA31
1
1
1
1
1
0
X
X
32/16
1F0000 - 1F7FFF
F8000 - FBFFF
SA32
1
1
1
1
1
1
0
0
8/4
1F8000 - 1F9FFF
FC000 - FCFFF
SA33
1
1
1
1
1
1
0
1
8/4
1FA000 - 1FBFFF
FD000 - FDFFF
SA34
1
1
1
1
1
1
1
X
16/8
1FC000 - 1FFFFF
FE000 - FFFFF
Note:
Address range is A19 : A-1 in byte mode and A19 : A0 in word mode. See “Word/Byte Configuration” section.


Similar Part No. - A29L160ATG-90U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160B AMICC-A29L160B Datasheet
471Kb / 41P
   Boot Sector Flash Memory
A29L160C AMICC-A29L160C Datasheet
471Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160CTG-70F AMICC-A29L160CTG-70F Datasheet
471Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L160ATG-90U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L161B AMICC-A29L161B Datasheet
476Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160C AMICC-A29L160C Datasheet
471Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com