Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320AY1-10YI-2.7 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25320AY1-10YI-2.7
Description  SPI Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320AY1-10YI-2.7 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25320AY1-10YI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT25320AY1-10YI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT25320AY1-10YI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT25320AY1-10YI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25320AY1-10YI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25320AY1-10YI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25320AY1-10YI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25320AY1-10YI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25320AY1-10YI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
AT25080A/160A/320A/640A
5082B–SEEPR–1/05
Note:
1. This parameter is characterized and is not 100% tested.
Table 4. AC Characteristics
Applicable over recommended operating range from T
AE = −40°C to +125°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted).
Symbol
Parameter
Voltage
Min
Max
Units
f
SCK
SCK Clock Frequency
2.7–5.5
0
5.0
MHz
t
RI
Input Rise Time
2.7–5.5
2
µs
t
FI
Input Fall Time
2.7–5.5
2
µs
t
WH
SCK High Time
2.7–5.5
40
ns
t
WL
SCK Low Time
2.7–5.5
40
ns
t
CS
CS High Time
2.7–5.5
80
ns
t
CSS
CS Setup Time
2.7–5.5
80
ns
t
CSH
CS Hold Time
2.7–5.5
80
ns
t
SU
Data In Setup Time
2.7–5.5
5
ns
t
H
Data In Hold Time
2.7–5.5
20
ns
t
HD
Hold Setup Time
2.7–5.5
40
ns
t
CD
Hold Hold Time
2.7–5.5
40
ns
t
V
Output Valid
2.7–5.5
0
40
ns
t
HO
Output Hold Time
2.7–5.5
0
ns
t
LZ
Hold to Output Low Z
2.7–5.5
0
40
ns
t
HZ
Hold to Output High Z
2.7–5.5
80
ns
tDIS
Output Disable Time
2.7–5.5
80
ns
t
WC
Write Cycle Time
2.7–5.5
5
ms
Endurance
(1)
5.0V, 25°C, Page Mode
1M
Write Cycles


Similar Part No. - AT25320AY1-10YI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320A ATMEL-AT25320A Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25320A ATMEL-AT25320A_14 Datasheet
457Kb / 19P
   Medium-voltage and Standard-voltage Operation
More results

Similar Description - AT25320AY1-10YI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com