Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A43E06161V-75U Datasheet(PDF) 5 Page - AMIC Technology

Part # A43E06161V-75U
Description  512K X 16 Bit X 2 Banks Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E06161V-75U Datasheet(HTML) 5 Page - AMIC Technology

  A43E06161V-75U Datasheet HTML 1Page - AMIC Technology A43E06161V-75U Datasheet HTML 2Page - AMIC Technology A43E06161V-75U Datasheet HTML 3Page - AMIC Technology A43E06161V-75U Datasheet HTML 4Page - AMIC Technology A43E06161V-75U Datasheet HTML 5Page - AMIC Technology A43E06161V-75U Datasheet HTML 6Page - AMIC Technology A43E06161V-75U Datasheet HTML 7Page - AMIC Technology A43E06161V-75U Datasheet HTML 8Page - AMIC Technology A43E06161V-75U Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
A43E06161
PRELIMINARY
(July, 2005, Version 0.1)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
Voltage on any pin relative to VSS (Vin, Vout ) . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +2.6V
Voltage on VDD supply relative to VSS (VDD, VDDQ )
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +2.6V
Storage Temperature (TSTG) . . . . . . . . . . -55
°C to +150°C
Soldering Temperature X Time (TSLODER) . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C X 10sec
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . 0.8W
Short Circuit Current (Ios) . . . . . . . . . . . . . . . . . . . . 50mA
*Comments
Permanent device damage may occur if “Absolute Maximum
Ratings” are exceeded.
Functional operation should be restricted to recommended
operating condition.
Exposure to higher than recommended voltage for extended
periods of time could affect device reliability.
Capacitance (TA=25
°C, f=1MHz)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Capacitance
CI1
A0 to A10, BA
2.0
4.0
pF
CI2
CLK, CKE,
CS , RAS , CAS , WE ,
UDQM, LDQM
2.0
4.0
pF
Data Input/Output Capacitance
CI/O
DQ0 to DQ15
3.5
6.0
pF
DC Electrical Characteristics
Recommend operating conditions (Voltage referenced to VSS = 0V, TA = -25ºC to +70ºC or -40ºC to +85ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
1.7
1.8
1.95
V
DQ Supply Voltage
VDDQ
1.7
1.8
1.95
V
Input High Voltage
VIH
0.8 x VDDQ
-
VDD+0.3
V
Input Low Voltage
VIL
-0.3
0
0.3
V
Note 1
Output High Voltage
VOH
VDDQ-0.2
-
-
V
IOH = -0.1mA
Output Low Voltage
VOL
-
-
0.2
V
IOL = 0.1mA
Input Leakage Current
IIL
-1
-
1
µA
Note 2
Output Leakage Current
IOL
-1.5
-
1.5
µA
Note 3
Output Loading Condition
See Figure 1
Note:
1. VIL (min) = -1.5V AC (pulse width
≤ 5ns).
2. Any input 0V
≤ VIN ≤ VDD + 0.3V, all other pins are not under test = 0V
3. Dout is disabled, 0V
≤ Vout ≤ VDD


Similar Part No. - A43E06161V-75U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
554Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43E06161 AMICC-A43E06161_15 Datasheet
554Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
More results

Similar Description - A43E06161V-75U

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com