Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L320TV-90IF Datasheet(PDF) 6 Page - AMIC Technology

Part # A29L320TV-90IF
Description  4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L320TV-90IF Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29L320TV-90IF Datasheet HTML 2Page - AMIC Technology A29L320TV-90IF Datasheet HTML 3Page - AMIC Technology A29L320TV-90IF Datasheet HTML 4Page - AMIC Technology A29L320TV-90IF Datasheet HTML 5Page - AMIC Technology A29L320TV-90IF Datasheet HTML 6Page - AMIC Technology A29L320TV-90IF Datasheet HTML 7Page - AMIC Technology A29L320TV-90IF Datasheet HTML 8Page - AMIC Technology A29L320TV-90IF Datasheet HTML 9Page - AMIC Technology A29L320TV-90IF Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
A29L320 Series
PRELIMINARY
(September, 2005, Version 0.0)
5
AMIC Technology, Corp.
Absolute Maximum Ratings*
Storage Temperature Plastic Packages. . . -65
°C to + 150°C
Ambient Temperature with Power Applied. -55
°C to + 125°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . . . . ……. . -0.5V to +4.0V
A9,
OE & RESET (Note 2) . . . . . . . . . . . …. -0.5 to +12.5V
All other pins (Note 1) . . . . . . . . . . …. . -0.5V to VCC + 0.5V
Output Short Circuit Current (Note 3) . . . . . . . …. .
200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During
voltage transitions, input or I/O pins may undershoot VSS
to -2.0V for periods of up to 20ns. Maximum DC voltage
on input and I/O pins is VCC +0.5V. During voltage
transitions, input or I/O pins may overshoot to VCC +2.0V
for periods up to 20ns.
2. Minimum DC input voltage on A9,
OE and RESET is
-
0.5V. During voltage transitions, A9,
OE and RESET
may overshoot VSS to -2.0V for periods of up to 20ns.
Maximum DC input voltage on A9 is +12.5V which may
overshoot to 14.0V for periods up to 20ns.
3. No more than one output is shorted at a time. Duration of
the short circuit should not be greater than one second.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this
device
at
these
or
any other
conditions
above
those
indicated
in
the
operational
sections
of
these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended periods
may affect device reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . ….. . . 0
°C to +70°C
Extended Range Devices
Ambient Temperature (TA)
For –I series. . . . . . . . . . . . . . . . . . . . . . . . . . -25
°C to +85°C
For –U series . . . . . . . . . . . . . . . . . . . . . . . . . -40
°C to +85°C
VCC Supply Voltages
VCC for all devices . . . . . . . . . . . . . . . . . …...+3.0V to +3.6V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself does
not occupy any addressable memory location. The register is
composed of latches that store the commands, along with
the address and data information needed to execute the
command. The contents of the register serve as inputs to the
internal state machine. The state machine outputs dictate the
function of the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe each of
these operations in further detail.
Table 1. A29L320 Device Bus Operations
I/O8 - I/O15
Operation
CE
OE
WE RESET
WP /
ACC
A0 - A20
(Note 1)
I/O0 - I/O7
BYTE =VIH
BYTE =VIL
Read
L
L
H
H
L/H
AIN
DOUT
DOUT
Write
L
H
L
H
(Note 3)
AIN
(Note 4)
(Note 4)
I/O8~I/O14=High-Z
I/O15=A-1
Accelerated
Program
L
H
L
H
VHH
AIN
(Note 4)
(Note 4)
High-Z
Standby
VCC
±
0.3 V
X
X
VCC
±
0.3 V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Reset
X
X
X
X
L/H
X
High-Z
High-Z
High-Z
Sector Protect
(Note 2)
L
H
L
L
L/H
Sector Address,
A6=L, A1=H, A0=L
(Note 4)
X
X
Sector Unprotect
(Note 2)
L
H
L
L
(Note 3)
Sector Address,
A6=H, A1=H, A0=L
(Note 4)
X
X
Temporary Sector
Unprotect
X
X
X
X
(Note 3)
AIN
(Note 4)
(Note 4)
High-Z
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0
± 0.5V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Notes:
1. Addresses are A20:A0 in word mode (
BYTE=VIH), A20: A-1 in byte mode (BYTE=VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See “Sector/Sector
Block Protection and Unprotection”.
3. If WP /ACC=VIL, the two outermost boot sectors remain protected. If
WP /ACC=VIH, the two outermost boot
sector protection depends on whether they were last protected or unprotected using the method described in
“Sector/Sector Block Protection and Unprotection. If WP/ACC = VHH, all sectors are unprotected.
4. DIN or DOUT as required by command sequence, data polling, or sector protection algorithm.


Similar Part No. - A29L320TV-90IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29L320AUG-120 AMICC-A29L320AUG-120 Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L320AUG-120F AMICC-A29L320AUG-120F Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L320AUG-120I AMICC-A29L320AUG-120I Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L320TV-90IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L161B AMICC-A29L161B Datasheet
476Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160A AMICC-A29L160A Datasheet
572Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160C AMICC-A29L160C Datasheet
471Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320D EXCELSEMI-ES29LV320D Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com