Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L004AUV-70 Datasheet(PDF) 6 Page - AMIC Technology

Part # A29L004AUV-70
Description  512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L004AUV-70 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29L004AUV-70 Datasheet HTML 2Page - AMIC Technology A29L004AUV-70 Datasheet HTML 3Page - AMIC Technology A29L004AUV-70 Datasheet HTML 4Page - AMIC Technology A29L004AUV-70 Datasheet HTML 5Page - AMIC Technology A29L004AUV-70 Datasheet HTML 6Page - AMIC Technology A29L004AUV-70 Datasheet HTML 7Page - AMIC Technology A29L004AUV-70 Datasheet HTML 8Page - AMIC Technology A29L004AUV-70 Datasheet HTML 9Page - AMIC Technology A29L004AUV-70 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
A29L004A Series
PRELIMINARY
(March, 2005, Version 0.0)
5
AMIC Technology, Corp.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the
CE and OE pins to VIL. CE is the power control and selects
the device.
OE is the output control and gates array data to
the output pins.
WE should remain at VIH all the time during
read operation. The internal state machine is set for reading
array data upon device power-up, or after a hardware reset.
This ensures that no spurious alteration of the memory content
occurs during the power transition. No command is necessary
in this mode to obtain array data. Standard microprocessor
read cycles that assert valid addresses on the device address
inputs produce valid data on the device data outputs. The
device remains enabled for read access until the command
register contents are altered.
See "Reading Array Data" for more information. Refer to the
AC Read Operations table for timing specifications and to the
Read Operations Timings diagram for the timing waveforms,
lCC1 in the DC Characteristics table represents the active
current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory), the system must drive
WE and CE to VIL, and
OE to VIH. The device features an Unlock Bypass mode to
facilitate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are required to
program a byte, instead of four.
The “Byte Program Command Sequence” section has details
on programming data to the device using both standard and
Unlock Bypass command sequence. An erase operation can
erase one sector, multiple sectors, or the entire device. The
Sector Address Tables indicate the address range that each
sector occupies. A "sector address" consists of the address
inputs required to uniquely
select a sector. See the "Command Definitions" section for
details
on
erasing
a
sector
or
the
entire
chip,
or
suspending/resuming the erase operation.
After the system writes the autoselect command sequence,
the device enters the autoselect mode. The system can then
read autoselect codes from the internal register (which is
separate from the memory array) on I/O7 - I/O0. Standard read
cycle timings apply in this mode. Refer to the "Autoselect
Mode" and "Autoselect Command Sequence" sections for
more information.
ICC2 in the DC Characteristics table represents the active
current
specification
for
the
write
mode.
The
"AC
Characteristics" section contains timing specification tables
and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may check
the status of the operation by reading the status bits on I/O7 -
I/O0. Standard read cycle timings and ICC read specifications
apply. Refer to "Write Operation Status" for more information,
and to each AC Characteristics section for timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it can
place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in
the high impedance state, independent of the
OE input.
The device enters the CMOS standby mode when the
CE &
RESET pins ( CE only on 32-pin PLCC & (s)TSOP
packages) are both held at VCC
± 0.3V. (Note that this is a
more restricted voltage range than VIH.) If
CE and RESET
(N/A on 32-pin PLCC & (s)TSOP packages) are held at VIH,
but not within VCC
± 0.3V, the device will be in the standby
mode, but the standby current will be greater. The device
requires the standard access time (tCE) before it is ready to
read data.
If the device is deselected during erasure or programming, the
device draws active current until the operation is completed.
ICC3 and ICC4 in the DC Characteristics tables represent the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy
consumption. The device automatically enables this mode
when addresses remain stable for tACC +30ns. The automatic
sleep mode is independent of the
CE , WE and OE control
signals. Standard address access timings provide new data
when addresses are changed. While in sleep mode, output
data is latched and always available to the system. ICC4 in the
DC Characteristics table represents the automatic sleep mode
current specification.
Output Disable Mode
When the
OE input is at VIH, output from the device is
disabled. The output pins are placed in the high impedance
state.
RESET : Hardware Reset Pin (N/A on 32-pin PLCC &
(s)TSOP packages)
The RESET pin provides a hardware method of resetting the
device to reading array data. When the system drives the
RESET pin low for at least a period of tRP, the device
immediately terminates any operation in progress, tristates all
data output pins, and ignores all read/write attempts for the
duration of the RESET pulse. The device also resets the
internal state machine to reading array data. The operation
that was interrupted should be reinitiated once the device is
ready to accept another command sequence, to ensure data
integrity.
Current is reduced for the duration of the RESET pulse.
When RESET is held at VSS ± 0.3V, the device draws CMOS
standby current (ICC4 ). If RESET is held at VIL but not within
VSS
± 0.3V, the standby current will be greater.
The RESET pin may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from the
Flash memory.
If RESET is asserted during a program or erase operation,
the RY/
BY pin remains a “0” (busy) until the internal reset
operation is complete, which requires a time tREADY (during
Embedded Algorithms). The system can thus monitor RY/
BY
to determine whether the reset operation is complete. If
RESET is asserted when a program or erase operation is not
executing (RY/
BY pin is “1”), the reset operation is completed
within a time of tREADY (not during Embedded Algorithms). The
system can read data tRH after the RESET pin return to VIH.
Refer to the AC Characteristics tables for RESET parameters
and diagram.


Similar Part No. - A29L004AUV-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004L AMICC-A29L004L Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TL-70 AMICC-A29L004TL-70 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TL-90 AMICC-A29L004TL-90 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TV-70 AMICC-A29L004TV-70 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L004AUV-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com