Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L004AUX-70F Datasheet(PDF) 5 Page - AMIC Technology

Part # A29L004AUX-70F
Description  512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L004AUX-70F Datasheet(HTML) 5 Page - AMIC Technology

  A29L004AUX-70F Datasheet HTML 1Page - AMIC Technology A29L004AUX-70F Datasheet HTML 2Page - AMIC Technology A29L004AUX-70F Datasheet HTML 3Page - AMIC Technology A29L004AUX-70F Datasheet HTML 4Page - AMIC Technology A29L004AUX-70F Datasheet HTML 5Page - AMIC Technology A29L004AUX-70F Datasheet HTML 6Page - AMIC Technology A29L004AUX-70F Datasheet HTML 7Page - AMIC Technology A29L004AUX-70F Datasheet HTML 8Page - AMIC Technology A29L004AUX-70F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
A29L004A Series
PRELIMINARY
(March, 2005, Version 0.0)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
Storage Temperature Plastic Packages . …… .0
°C to + 70°C
Ambient Temperature with Power Applied…… 0
°C to + 70°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . . . …... . . . -0.5V to +4.0V
A9,
OE & RESET (Note 2) . . . . . . . . . . ….. . -0.5 to +12.5V
All other pins (Note 1) . . . . . . . . . . . ….. -0.5V to VCC + 0.5V
Output Short Circuit Current (Note 3) . . . . . . . ….. … 200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During
voltage transitions, input or I/O pins may undershoot VSS
to -2.0V for periods of up to 20ns. Maximum DC voltage
on input and I/O pins is VCC +0.5V. During voltage
transitions, input or I/O pins may overshoot to VCC +2.0V
for periods up to 20ns.
2. Minimum DC input voltage on A9,
OE and RESET is
-
0.5V. During voltage transitions, A9,
OE and RESET
may overshoot VSS to -2.0V for periods of up to 20ns.
Maximum DC input voltage on A9 is +12.5V which may
overshoot to 14.0V for periods up to 20ns. ( RESET is
N/A on 32-pin PLCC & (s)TSOP)
3. No more than one output is shorted at a time. Duration of
the short circuit should not be greater than one second.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this
device
at
these
or
any other
conditions
above
those
indicated
in
the
operational
sections
of
these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended periods
may affect device reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . ….. . . . . . . 0
°C to +70°C
VCC Supply Voltages
VCC for all devices . . . . . . . . . . . . . . . ….. . . +2.7V to +3.6V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself does
not occupy any addressable memory location. The register is
composed of latches that store the commands, along with
the address and data information needed to execute the
command. The contents of the register serve as inputs to the
internal state machine. The state machine outputs dictate the
function of the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe each of
these operations in further detail.
Table 1. A29L004A Device Bus Operations
Operation
CE
OE
WE
RESET
(N/A 32-pin PLCC, (s)TSOP)
A0 – A18
I/O0 - I/O7
Read
L
L
H
H
AIN
DOUT
Write
L
H
L
H
AIN
DIN
CMOS Standby
VCC
± 0.3 V
X
X
VCC
± 0.3 V
X
High-Z
Output Disable
L
H
H
H
X
High-Z
Hardware Reset
X
X
X
L
X
High-Z
Sector Protect
(See Note 2)
L
H
L
VID
Sector Address,
A6=L, A1=H, A0=L
DIN
Sector Unprotect
(See Note 2)
L
H
L
VID
Sector Address,
A6=H, A1=H, A0=L
DIN
Temporary Sector
Unprotect
X
X
X
VID
AIN
DIN
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0
± 0.5V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Notes:
1. See the “Sector Protection/Unprotection” section and Temporary Sector Unprotect for more information.
2. This function is not available on 32-pin PLCC & (s)TSOP packages.


Similar Part No. - A29L004AUX-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004L AMICC-A29L004L Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TL-70 AMICC-A29L004TL-70 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TL-90 AMICC-A29L004TL-90 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TV-70 AMICC-A29L004TV-70 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L004AUX-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com