Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L800ATV-70F Datasheet(PDF) 8 Page - AMIC Technology

Part # A29L800ATV-70F
Description  1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L800ATV-70F Datasheet(HTML) 8 Page - AMIC Technology

Back Button A29L800ATV-70F Datasheet HTML 4Page - AMIC Technology A29L800ATV-70F Datasheet HTML 5Page - AMIC Technology A29L800ATV-70F Datasheet HTML 6Page - AMIC Technology A29L800ATV-70F Datasheet HTML 7Page - AMIC Technology A29L800ATV-70F Datasheet HTML 8Page - AMIC Technology A29L800ATV-70F Datasheet HTML 9Page - AMIC Technology A29L800ATV-70F Datasheet HTML 10Page - AMIC Technology A29L800ATV-70F Datasheet HTML 11Page - AMIC Technology A29L800ATV-70F Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
A29L800A Series
(June, 2005, Version 1.1)
7
AMIC Technology, Corp.
the system to read the boot-up firmware from the Flash
memory.
If RESET is asserted during a program or erase operation,
the RY/
BY pin remains a “0” (busy) until the internal reset
operation is complete, which requires a time tREADY (during
Embedded Algorithms). The system can thus monitor RY/
BY
to determine whether the reset operation is complete. If
RESET is asserted when a program or erase operation is not
executing (RY/
BY pin is “1”), the reset operation is completed
within a time of tREADY (not during Embedded Algorithms). The
system can read data tRH after the RESET pin return to VIH.
Refer to the AC Characteristics tables for RESET parameters
and diagram.
Table 2. A29L800A Top Boot Block Sector Address Table
Address Range (in hexadecimal)
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Byte Mode (x 8)
Word Mode (x16)
SA0
0
0
0
0
X
X
X
64/32
00000h - 0FFFFh
00000h - 07FFFh
SA1
0
0
0
1
X
X
X
64/32
10000h - 1FFFFh
08000h - 0FFFFh
SA2
0
0
1
0
X
X
X
64/32
20000h - 2FFFFh
10000h - 17FFFh
SA3
0
0
1
1
X
X
X
64/32
30000h - 3FFFFh
18000h - 1FFFFh
SA4
0
1
0
0
X
X
X
64/32
40000h - 4FFFFh
20000h - 27FFFh
SA5
0
1
0
1
X
X
X
64/32
50000h - 5FFFFh
28000h - 2FFFFh
SA6
0
1
1
0
X
X
X
64/32
60000h - 6FFFFh
30000h - 37FFFh
SA7
0
1
1
1
X
X
X
64/32
70000h - 7FFFFh
38000h - 3FFFFh
SA8
1
0
0
0
X
X
X
64/32
80000h - 8FFFFh
40000h - 47FFFh
SA9
1
0
0
1
X
X
X
64/32
90000h - 9FFFFh
48000h - 4FFFFh
SA10
1
0
1
0
X
X
X
64/32
A0000h - AFFFFh
50000h - 57FFFh
SA11
1
0
1
1
X
X
X
64/32
B0000h - BFFFFh
58000h - 5FFFFh
SA12
1
1
0
0
X
X
X
64/32
C0000h - CFFFFh
60000h - 67FFFh
SA13
1
1
0
1
X
X
X
64/32
D0000h - DFFFFh
68000h - 6FFFFh
SA14
1
1
1
0
X
X
X
64/32
E0000h - EFFFFh
70000h - 77FFFh
SA15
1
1
1
1
0
X
X
32/16
F0000h - F7FFFh
78000h - 7BFFFh
SA16
1
1
1
1
1
0
0
8/4
F8000h - F9FFFh
7C000h - 7CFFFh
SA17
1
1
1
1
1
0
1
8/4
FA000h - FBFFFh
7D000h - 7DFFFh
SA18
1
1
1
1
1
1
X
16/8
FC000h - FFFFFh
7E000h - 7FFFFh
Note:
Address range is A18 : A-1 in byte mode and A18 : A0 in word mode. See “Word/Byte Configuration” section.


Similar Part No. - A29L800ATV-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800CTG-70F AMICC-A29L800CTG-70F Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800CTG-70UF AMICC-A29L800CTG-70UF Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
More results

Similar Description - A29L800ATV-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29801B AMICC-A29801B Datasheet
489Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com