Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMC22AT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMC22AT3
Description  1500 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMC22AT3 Datasheet(HTML) 3 Page - ON Semiconductor

  1SMC22AT3 Datasheet HTML 1Page - ON Semiconductor 1SMC22AT3 Datasheet HTML 2Page - ON Semiconductor 1SMC22AT3 Datasheet HTML 3Page - ON Semiconductor 1SMC22AT3 Datasheet HTML 4Page - ON Semiconductor 1SMC22AT3 Datasheet HTML 5Page - ON Semiconductor 1SMC22AT3 Datasheet HTML 6Page - ON Semiconductor 1SMC22AT3 Datasheet HTML 7Page - ON Semiconductor 1SMC22AT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1SMC5.0AT3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
VRWM
Breakdown Voltage
VC @ IPP (Note 8.)
Device
VRWM
(Note 6.)
IR @ VRWM
VBR Volts (Note 7.)
@ IT
VC
IPP
Device
Device
Marking
Volts
µA
Min
Nom
Max
mA
Volts
Amps
1SMC5.0AT3
1SMC6.0AT3
1SMC6.5AT3
1SMC7.0AT3
GDE
GDG
GDK
GDM
5.0
6.0
6.5
7.0
1000
1000
500
200
6.4
6.67
7.22
7.78
6.7
7.02
7.6
8.19
7.0
7.37
7.98
8.6
10
10
10
10
9.2
10.3
11.2
12
163
145.6
133.9
125
1SMC7.5AT3
1SMC8.0AT3
1SMC8.5AT3
1SMC9.0AT3
GDP
GDR
GDT
GDV
7.5
8.0
8.5
9.0
100
50
25
10
8.33
8.89
9.44
10
8.77
9.36
9.92
10.55
9.21
9.83
10.4
11.1
1
1
1
1
12.9
13.6
14.4
15.4
116.3
110.3
104.2
97.4
1SMC10AT3
1SMC11AT3
1SMC12AT3
1SMC13AT3
GDX
GDZ
GEE
GEG
10
11
12
13
5
5
5
5
11.1
12.2
13.3
14.4
11.7
12.85
14
15.15
12.3
13.5
14.7
15.9
1
1
1
1
17
18.2
19.9
21.5
88.2
82.4
75.3
69.7
1SMC14AT3
1SMC15AT3
1SMC16AT3
1SMC17AT3
GEK
GEM
GEP
GER
14
15
16
17
5
5
5
5
15.6
16.7
17.8
18.9
16.4
17.6
18.75
19.9
17.2
18.5
19.7
20.9
1
1
1
1
23.2
24.4
26
27.6
64.7
61.5
57.7
53.3
1SMC18AT3
1SMC20AT3
1SMC22AT3
1SMC24AT3
GET
GEV
GEX
GEZ
18
20
22
24
5
5
5
5
20
22.2
24.4
26.7
21.05
23.35
25.65
28.1
22.1
24.5
26.9
29.5
1
1
1
1
29.2
32.4
35.5
38.9
51.4
46.3
42.2
38.6
1SMC26AT3
1SMC28AT3
1SMC30AT3
1SMC33AT3
GFE
GFG
GFK
GFM
26
28
30
33
5
5
5
5
28.9
31.1
33.3
36.7
30.4
32.75
35.05
38.65
31.9
34.4
36.8
40.6
1
1
1
1
42.1
45.4
48.4
53.3
35.6
33
31
28.1
1SMC36AT3
1SMC40AT3
1SMC43AT3
1SMC45AT3
GFP
GFR
GFT
GFV
36
40
43
45
5
5
5
5
40
44.4
47.8
50
42.1
46.75
50.3
52.65
44.2
49.1
52.8
55.3
1
1
1
1
58.1
64.5
69.4
72.2
25.8
32.2
21.6
20.6
1SMC48AT3
1SMC51AT3
1SMC54AT3
1SMC58AT3
GFX
GFZ
GGE
GGG
48
51
54
58
5
5
5
5
53.3
56.7
60
64.4
56.1
59.7
63.15
67.8
58.9
62.7
66.3
71.2
1
1
1
1
77.4
82.4
87.1
93.6
19.4
18.2
17.2
16
1SMC60AT3
1SMC64AT3
1SMC70AT3
1SMC75AT3
1SMC78AT3
GGK
GGM
GGP
GGR
GGT
60
64
70
75
78
5
5
5
5
5
66.7
71.1
77.8
83.3
86.7
70.2
74.85
81.9
87.7
91.25
73.7
78.6
86
92.1
95.8
1
1
1
1
1
96.8
103
113
121
126
15.5
14.6
13.3
12.4
11.4
6. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the DC or continuous peak operating voltage level.
7. VBR measured at pulse test current IT at an ambient temperature of 25°C.
8. Surge current waveform per Figure 2 and derate per Figure 3 of the General Data – 1500 Watt at the beginning of this group.


Similar Part No. - 1SMC22AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMC22AT3 ONSEMI-1SMC22AT3 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC22AT3 ONSEMI-1SMC22AT3 Datasheet
73Kb / 8P
   Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1SMC22AT3G ONSEMI-1SMC22AT3G Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC22AT3G ONSEMI-1SMC22AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
More results

Similar Description - 1SMC22AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_07 Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
1.5KE UNIOHM-1.5KE Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com