Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L004ATW-90F Datasheet(PDF) 3 Page - AMIC Technology

Part # A29L004ATW-90F
Description  512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L004ATW-90F Datasheet(HTML) 3 Page - AMIC Technology

  A29L004ATW-90F Datasheet HTML 1Page - AMIC Technology A29L004ATW-90F Datasheet HTML 2Page - AMIC Technology A29L004ATW-90F Datasheet HTML 3Page - AMIC Technology A29L004ATW-90F Datasheet HTML 4Page - AMIC Technology A29L004ATW-90F Datasheet HTML 5Page - AMIC Technology A29L004ATW-90F Datasheet HTML 6Page - AMIC Technology A29L004ATW-90F Datasheet HTML 7Page - AMIC Technology A29L004ATW-90F Datasheet HTML 8Page - AMIC Technology A29L004ATW-90F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
A29L004A Series
PRELIMINARY
(March, 2005, Version 0.0)
2
AMIC Technology, Corp.
available on 32-pin PLCC & (s)TSOP), or by reading the I/O7
( Data Polling) and I/O6 (toggle) status bits. After a program
or erase cycle has been completed, the device is ready to
read array data or accept another command.
The sector erase architecture allows memory sectors to be
erased
and
reprogrammed
without
affecting
the
data
contents of other sectors. The A29L004A is fully erased
when shipped from the factory.
The hardware sector protection feature disables operations
for both program and erase in any combination of the
sectors of memory. This can be achieved via programming
equipment.
The Erase Suspend/Erase Resume feature enables the user
to put erase on hold for any period of time to read data from,
or program data to, any other sector that is not selected for
erasure. True background erase can thus be achieved.
The hardware RESET pin terminates any operation in
progress and resets the internal state machine to reading
array data (not available on 32-pin PLCC & (s)TSOP). The
RESET pin may be tied to the system reset circuitry. A
system reset would thus also reset the device, enabling the
system microprocessor to read the boot-up firmware from the
Flash memory.
The
device
offers
two
power-saving
features.
When
addresses have been stable for a specified amount of time,
the device enters the automatic sleep mode. The system can
also place the device into the standby mode. Power
consumption is greatly reduced in both these modes.
Pin Configurations
40-pin TSOP
A29L004AW
A15
A14
A13
A12
A11
A9
A8
RESET
NC
RY/BY
A18
A7
A6
A5
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
I/O0
NC
VCC
VCC
I/O4
I/O5
I/O6
I/O7
A10
NC
NC
VSS
A17
A16
WE
I/O1
I/O2
I/O3
23
22
21
A0
CE
VSS
24
OE
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
PLCC
32-pin TSOP (8mm X 20mm)
32-pin sTSOP (8mm X 13.4mm)
32-pin sTSOP (8mm X 14mm)
A29L004AV (8mm X 20mm)
A29L004AX (8mm X 13.4mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A9
A8
A13
A14
A17
WE
VCC
A16
A15
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A3
I/O0
I/O1
I/O2
GND
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A11
A18
A2
A1
A0
A29L004AL
A7
A9
I/O7
CE
A6
A5
A4
A3
A2
A1
A0
I/O0
A8
A13
A14
5
6
7
8
9
10
11
12
13
21
22
23
24
25
26
27
28
29
A11
OE
A10
A29L004AY (8mm X 14mm)


Similar Part No. - A29L004ATW-90F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004L AMICC-A29L004L Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TL-70 AMICC-A29L004TL-70 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TL-90 AMICC-A29L004TL-90 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004TV-70 AMICC-A29L004TV-70 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L004ATW-90F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com