Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C256K16E0-35JC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4C256K16E0-35JC
Description  5V 256Kx16 CMOS DRAM (EDO)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C256K16E0-35JC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4C256K16E0-35JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C256K16E0-35JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C256K16E0-35JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C256K16E0-35JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C256K16E0-35JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C256K16E0-35JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C256K16E0-35JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C256K16E0-35JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C256K16E0-35JC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
®
AS4C256K16E0
4/11/01; v.1.1
Alliance Semiconductor
5 of 24
Write cycle
Shaded areas contain advance information.
Read-modify-write cycle
Shaded areas contain advance information.
Std
Symbol
Parameter
-30
-35
-50
Unit
Notes
Min
Max
Min
Max
Min
Max
tASC
Column address setup time
0
–0
–0
ns
tCAH
Column address hold time
5
–5
–9
ns
tAWR
Column address hold time to RAS
26
–28
30
ns
tWCS
Write command setup time
0
–0
–0
ns
11
tWCH
Write command hold time
5
–5
–9
ns
11
tWCR
Write command hold time to RAS
26
–28
30
ns
tWP
Write command pulse width
5
–5
–9
ns
tRWL
Write command to RAS lead time
10
–11
12
ns
tCWL
Write command to CAS lead time
10
–11
12
ns
tDS
Data-in setup time
0
–0
–0
ns
12
tDH
Data-in hold time
5
–5
–9
ns
12
tDHR
Data-in hold time to RAS
26
–28
30
ns
Std
Symbol
Parameter
-30
-35
-50
Unit
Notes
Min
Max
Min
Max
Min
Max
tRWC
Read-write cycle time
100
105
120
ns
tRWD
RAS
to WE delay time
50
–54–60
ns
11
tCWD
CAS
to WE delay time
26
–28–30
ns
11
tAWD
Column address to WE delay time
32
–35–40
ns
11
tRSH(W)
CAS
to RAS hold time (write)
10
–10–12
ns
tCAS(W)
CAS
pulse width (write)
15
–15–15
ns


Similar Part No. - AS4C256K16E0-35JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256K16F0-25JC ALSC-AS4C256K16F0-25JC Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
AS4C256K16F0-25JI ALSC-AS4C256K16F0-25JI Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
AS4C256K16F0-25TC ALSC-AS4C256K16F0-25TC Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
AS4C256K16F0-25TI ALSC-AS4C256K16F0-25TI Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
AS4C256K16F0-30JC ALSC-AS4C256K16F0-30JC Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
More results

Similar Description - AS4C256K16E0-35JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16E5 ALSC-AS4C1M16E5 Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
MT4C1M16E5 MICRON-MT4C1M16E5 Datasheet
385Kb / 24P
   EDO DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
logo
Alliance Semiconductor ...
AS4CM4EOQ ALSC-AS4CM4EOQ Datasheet
353Kb / 16P
   4M X 4 CMOS Quad CAS DRAM (EDO) family
logo
Integrated Circuit Solu...
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
logo
Alliance Semiconductor ...
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
   5V 4M횞4 CMOS DRAM (Fast Page mode)
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com