Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L93161V Datasheet(PDF) 10 Page - AMIC Technology

Part # A23L93161V
Description  512K X 16 / 1M X 8 BIT CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L93161V Datasheet(HTML) 10 Page - AMIC Technology

Back Button A23L93161V Datasheet HTML 3Page - AMIC Technology A23L93161V Datasheet HTML 4Page - AMIC Technology A23L93161V Datasheet HTML 5Page - AMIC Technology A23L93161V Datasheet HTML 6Page - AMIC Technology A23L93161V Datasheet HTML 7Page - AMIC Technology A23L93161V Datasheet HTML 8Page - AMIC Technology A23L93161V Datasheet HTML 9Page - AMIC Technology A23L93161V Datasheet HTML 10Page - AMIC Technology A23L93161V Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
A23L9316/A23L93161/A23L93162 Series
PRELIMINARY
(May, 2005, Version 0.2)
9
AMIC Technology, Corp.
Package Information
SOP 44L Outline Dimensions
unit: inches/mm
1
L
L1
22
See Detail F
Detail F
23
44
S
D
Seating Plane
y
e
b
θ
0.010"
Gauge Plane
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.118
-
-
3.00
A1
0.004
-
-
0.10
-
-
A2
0.103
0.106
0.109
2.62
2.69
2.77
b
0.013
0.016
0.020
0.33
0.40
0.50
C
0.007
0.008
0.010
0.18
0.20
0.25
D
-
1.122
1.130
-
28.50
28.70
E
0.490
0.496
0.500
12.45
12.60
12.70
e
-
0.050
-
-
1.27
-
HE
0.620
0.631
0.643
15.75
16.03
16.33
L
0.024
0.032
0.040
0.61
0.80
1.02
L1
-
0.0675
-
-
1.71
-
S
-
-
0.045
-
-
1.14
y
-
-
0.004
-
-
0.10
θ
0
°
-
8
°
0
°
-
8
°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension S includes end flash.


Similar Part No. - A23L93161V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L9308 AMICC-A23L9308 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308-15 AMICC-A23L9308-15 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308-20 AMICC-A23L9308-20 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308H-15 AMICC-A23L9308H-15 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
A23L9308H-20 AMICC-A23L9308H-20 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L93161V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
King blillion Electroni...
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
List of Unclassifed Man...
TC531024P-12 ETC1-TC531024P-12 Datasheet
226Kb / 5P
   1M BIT (65536 WORD X 16 BIT) CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com