Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L2617M-70 Datasheet(PDF) 4 Page - AMIC Technology

Part # A23L2617M-70
Description  4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L2617M-70 Datasheet(HTML) 4 Page - AMIC Technology

  A23L2617M-70 Datasheet HTML 1Page - AMIC Technology A23L2617M-70 Datasheet HTML 2Page - AMIC Technology A23L2617M-70 Datasheet HTML 3Page - AMIC Technology A23L2617M-70 Datasheet HTML 4Page - AMIC Technology A23L2617M-70 Datasheet HTML 5Page - AMIC Technology A23L2617M-70 Datasheet HTML 6Page - AMIC Technology A23L2617M-70 Datasheet HTML 7Page - AMIC Technology A23L2617M-70 Datasheet HTML 8Page - AMIC Technology A23L2617M-70 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
A23L2617/A23L26171 Series
PRELIMINARY
(August, 2005, Version 0.0)
3
AMIC Technology, Corp.
Pin Descriptions
Pin No.
44L SOP
(A23L2617)
(8M X 8 only)
48L TSOP
(A23L2617)
48L TSOP
(A23L26171)
Symbol
Description
1-11, 34-44
2-23
1-10, 15-25, 48
A0-A21
Address Inputs
15-22, 24-30
28-35, 39-45
29-36, 38-44
O0-O14
Data Outputs
31
46
45
O15/A-1
Output 15(WORD mode)
/LSB Address (BYTE mode)
12
24
26
CE
Chip Enable Input
14
27
28
OE
Output Enable Input
33
1
47
BYTE
BYTE or WORD mode Selection
23
37-38
37
VCC
Power Supply
13, 32
25-26, 47-48
27, 46
GND
Ground
1
36
11-14
NC
No Connection
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.7
3.6
V
GND
Ground
0
0
V
VIH
Input High Voltage
2.2
VCC+0.3
V
VIL
Input Low Voltage
- 0.3
0.6
V


Similar Part No. - A23L2617M-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L26161 AMICC-A23L26161 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L26161V-100 AMICC-A23L26161V-100 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L26161V-70 AMICC-A23L26161V-70 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results

Similar Description - A23L2617M-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
   128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com