Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L36161V Datasheet(PDF) 8 Page - AMIC Technology

Part # A23L36161V
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L36161V Datasheet(HTML) 8 Page - AMIC Technology

Back Button A23L36161V Datasheet HTML 2Page - AMIC Technology A23L36161V Datasheet HTML 3Page - AMIC Technology A23L36161V Datasheet HTML 4Page - AMIC Technology A23L36161V Datasheet HTML 5Page - AMIC Technology A23L36161V Datasheet HTML 6Page - AMIC Technology A23L36161V Datasheet HTML 7Page - AMIC Technology A23L36161V Datasheet HTML 8Page - AMIC Technology A23L36161V Datasheet HTML 9Page - AMIC Technology A23L36161V Datasheet HTML 10Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A23L3616/A23L36161 Series
PRELIMINARY
(November, 2004, Version 0.2)
7
AMIC Technology, Corp.
Function Table
CE
OE /NC
BYTE
O15/A-1
O0 - O7
O8 - O15
Mode
L
L
H
Data Pin O15
Data Out
Data out
Word
L
L
L
LSB Address A-1
Data Out
Hi - Z
Byte
H
X
X
X
Hi - Z
Hi - Z
Power-down
L
H
X
X
Hi - Z
Hi - Z
Output Disable
Ordering Information
Part No.
Access Time (ns)
Package
A23L3616M-100 (16M X 8 only)
100
44L SOP
A23L3616M-120 (16M X 8 only)
120
44L SOP
A23L3616V-100
100
48L TSOP (Forward)
A23L3616V-120
120
48L TSOP (Forward)
A23L3616R-100
100
48L TSOP (Reverse)
A23L3616R-120
120
48L TSOP (Reverse)
A23L36161V-100
100
48L TSOP (Flash Compatible)
A23L36161V-120
120
48L TSOP (Flash Compatible)


Similar Part No. - A23L36161V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results

Similar Description - A23L36161V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L12810-1 MCNIX-MX23L12810-1 Datasheet
589Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM FOR TSOP PACKAGE
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L1651 MCNIX-MX23L1651 Datasheet
218Kb / 13P
   16M-BIT [16M x 1] CMOS SERIAL MASK-ROM
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com