Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L8316 Datasheet(PDF) 4 Page - AMIC Technology

Part # A23L8316
Description  256K X 16 / 512K X 8 BIT CMOS MASK ROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L8316 Datasheet(HTML) 4 Page - AMIC Technology

  A23L8316 Datasheet HTML 1Page - AMIC Technology A23L8316 Datasheet HTML 2Page - AMIC Technology A23L8316 Datasheet HTML 3Page - AMIC Technology A23L8316 Datasheet HTML 4Page - AMIC Technology A23L8316 Datasheet HTML 5Page - AMIC Technology A23L8316 Datasheet HTML 6Page - AMIC Technology A23L8316 Datasheet HTML 7Page - AMIC Technology A23L8316 Datasheet HTML 8Page - AMIC Technology A23L8316 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
A23L8316/A23L83161 Series
PRELIMINARY
(July, 2004, Version 0.0)
3
AMIC Technology, Corp.
Block Diagram
ROW
DECODER
DRIVER
MEMORY CELL
ARRAY
COLUMN SELECTOR CIRCUITRY
COLUMN
DECODER
DRIVER
POWER-DOWN
DOWN OR
OUTPUT
ENABLE
CIRCUITRY
BYTE
CIRCUITRY
(A-1) A0 - A17
ADDRESS
INPUTS
O6
O5
O4
O3
O2
O1
O0
CE
OE
O7
(O8)
(O9)
(O10)
(O11)
(O12)
(O13)
(O14)
(O15)
BYTE


Similar Part No. - A23L8316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06161 AMICC-A23L06161 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06161V AMICC-A23L06161V Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162 AMICC-A23L06162 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162-70 AMICC-A23L06162-70 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L8316

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com