Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN103SF92GBL Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN103SF92GBL
Description  MICROCOMPUTER LSI
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN103SF92GBL Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN103SF92GBL Datasheet HTML 1Page - Panasonic Semiconductor MN103SF92GBL Datasheet HTML 2Page - Panasonic Semiconductor MN103SF92GBL Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MN103S927, MN103S92A
Internal RAM
2K-byte
Internal ROM
16K-byte
Type
MN103S927
Minimum Instruction
Execution Time
25 ns (at 3.0 V to 3.6 V, 10 MHz)
*at internal 4 times oscillation used)
Package
LQFP064-P-1414 *Lead-free
MAF00016BEM
32 K-byte
MN103S92A (under development)
Interrupts
• 8 external interrupts
• 18 internal interrupts (watch dog timer, timer, serial I/F, PWM, A/D, system error)
Timer Counter
8-bit timer
× 4
Timer 0 to 3: Interval timer, Event counter, Cascading connectable
16-bit timer
× 2
Timer 8: Interval timer, Event counter, PWM output (6 pins simultaneous output are available), Double buffer
Timer 11: Interval timer, Double buffer, Start synchronized with 3-phase PWM are available
Watch dog timer
Serial Interface
UART (full duplex) / synchronous interfaces selective
× 1
Serial 2: 1-bit to 8-bit transmission (synchronous), 2 and 3 channel type selectable (synchronous)
I/O Pins
Exclusive
× 11, selective × 30
I/O
A/D Inputs
10-bit
× 3 unit, 2 inputs × 1, 6 inputs × 1
Simultaneous conversion of 2 series are available, With S/H,
Conversion start synchronized with 3-phase PWM or timer 11 are available
Selective
× 8
Input
41
8
Motor Control PWM
16-bit 3-phase PWM
× 1
Minimum resolution: 50 ns
Triangular waveform or jigsaw waveform dead time setup,
Double buffer, Output polar switching is available, PWM output pin protect function
Electrical Characteristics
A/D converter characteristics
Symbol
Condition
Limit
Unit
min
typ
max
Parameter
10-bit
±3
LSB
tAD
1.5
µs
VIA
VSS
VDD
V
Non-linear error
A/D conversion time
Analog input voltage
(Ta
= 25°C, VDD = 3.0 V, VSS = 0 V)


Similar Part No. - MN103SF92GBL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103SF65GAL PANASONIC-MN103SF65GAL Datasheet
123Kb / 3P
   5V single power supply (regulator)
MN103SF65GBF PANASONIC-MN103SF65GBF Datasheet
123Kb / 3P
   5V single power supply (regulator)
MN103SFB9R PANASONIC-MN103SFB9R Datasheet
121Kb / 2P
   MN103SB9N
MN103SFB9R PANASONIC-MN103SFB9R Datasheet
338Kb / 3P
   Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
MN103SFC2D PANASONIC-MN103SFC2D Datasheet
319Kb / 3P
   Conversion start synchronized with 3-phase PWM or timer 5 are available
More results

Similar Description - MN103SF92GBL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C539 PANASONIC-MN101C539 Datasheet
357Kb / 3P
   MICROCOMPUTER LSI
MN6025 PANASONIC-MN6025 Datasheet
179Kb / 2P
   MICROCOMPUTER and PERIPHERAL LSI
logo
Sanyo Semicon Device
LC876748C SANYO-LC876748C Datasheet
328Kb / 23P
   CMOS LSI 8 BIT 1 CHIP MICROCOMPUTER
LM6405G SANYO-LM6405G Datasheet
644Kb / 15P
   N CHANNEL E/D MOS LSI 4 BIT MICROCOMPUTER
LC5850 SANYO-LC5850 Datasheet
935Kb / 20P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVER
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
logo
OKI electronic componet...
MSM7576 OKI-MSM7576 Datasheet
279Kb / 34P
   LSI
MSM7545 OKI-MSM7545 Datasheet
110Kb / 8P
   LSI
logo
Sanyo Semicon Device
LC822973 SANYO-LC822973 Datasheet
214Kb / 27P
   CMOS LSI TV Image Viewer LSI
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com