Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E451FN Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100E451FN
Description  6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E451FN Datasheet(HTML) 2 Page - ON Semiconductor

  MC100E451FN Datasheet HTML 1Page - ON Semiconductor MC100E451FN Datasheet HTML 2Page - ON Semiconductor MC100E451FN Datasheet HTML 3Page - ON Semiconductor MC100E451FN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10E451 MC100E451
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
VBB
Output Reference Voltage
V
10E
–1.3
8
–1.2
7
–1.3
5
–1.2
5
–1.3
1
–1.1
9
100E
–1.3
8
–1.2
6
–1.3
8
–1.2
6
–1.3
8
–1.2
6
IIH
Input HIGH Current
150
150
150
µA
IEE
Power Supply Current
mA
10E
84
101
84
101
84
101
100E
84
101
84
101
97
116
VCMR
Common Mode Range
– 2.0
– 0.4
– 2.0
– 0.4
– 2.0
– 0.4
V
2
1. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the “HIGH” input is within the
VCMR range and the input swing is greater than VPP MIN and < 1.0V.
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
fMAX
Max, Toggle Frequency
1100
1400
1100
1400
1100
1400
MHz
tPLH
Propagation Delay to Output
ps
tPHL
CLK (Diff)
475
650
800
475
650
800
475
650
800
CLK (SE)
425
650
850
425
650
850
425
650
850
MR
425
600
850
425
600
850
425
600
850
ts
Setup Time
ps
D
150
–100
150
–100
150
–100
th
Hold Time
ps
D
250
100
250
100
250
100
VPP(AC)
Minimum Input Swing
150
150
159
mV
1
tRR
Reset Recovery Time
750
600
750
600
750
600
ps
tPW
Minimum Pulse Width
ps
CLK, MR
400
400
400
tSKEW
Within-Device Skew
100
100
100
ps
2
tr
Rise/Fall Times
ps
tf
20 - 80%
275
450
800
275
450
800
275
450
800
1. Minimum input voltage for which AC parameters are guaranteed.
2. Within-device skew is defined as identical transitions on similar paths through a device.


Similar Part No. - MC100E451FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E451FN ONSEMI-MC100E451FN Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC100E451FNG ONSEMI-MC100E451FNG Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC100E451FNG ONSEMI-MC100E451FNG Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC100E451FNR2 ONSEMI-MC100E451FNR2 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC100E451FNR2G ONSEMI-MC100E451FNR2G Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
More results

Similar Description - MC100E451FN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
logo
Micrel Semiconductor
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
Semtech Corporation
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
   6-bit D register
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com