Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VW2X60-12IO1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # VW2X60-12IO1
Description  AC Controller Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VW2X60-12IO1 Datasheet(HTML) 3 Page - IXYS Corporation

  VW2X60-12IO1 Datasheet HTML 1Page - IXYS Corporation VW2X60-12IO1 Datasheet HTML 2Page - IXYS Corporation VW2X60-12IO1 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
VW 2x60
0
1020304050
60
0
20
40
60
80
100
120
140
160
180
200
0
25
50
75
100
125
150
110
100
1000
10000
0
25
50
75
100
125
0
5
10
15
20
25
30
35
40
45
0
102030405060
0
20
40
60
80
100
120
140
160
180
200
0
25
50
75
100
125
150
0.001
0.01
0.1
1
0
100
200
300
400
500
s
I
2t
A
2s
°C
180° sin
120°
60°
30°
DC
I
TAVM
°C
A
0.001
0.01
0.1
1
10
0.00
0.25
0.50
0.75
1.00
1.25
1.50
ms
t
A
I
TSM
T
A
°C
K/W
A
I
TAVM
A
W
V
R = 0V
80 % V
RRM
50 Hz
Circuit
W3C2
1x VW2x60
0.2
0.5
1
1.5
2
3
5
R
thKA K/W
0.2
0.5
1
1.5
2
3
5
R
thKA K/W
Circuit
B2C
2x VW2x60
W
Z
thJK
s
t
T
A
I
RMS
T
C
t
P
tot
P
tot
Fig. 5 Load current capability for two phase AC controller
Fig. 6 Surge overload current
Fig. 7 Power dissipation versus direct output current and ambient temperature
cyclo converter, four quadrant operation
Fig. 8 I²t versus time (per thyristor)
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor)
Fig. 10 Maximum forward current at
case temperature
T
VJ =
45°C
T
VJ = 125°C
T
VJ =
45°C
T
VJ = 125°C
Constants for
Z
thJK calculation:
R
thi / (K/W) ti / (s)
0.021
0.003
0.003
0.022
0.94
0.191
0.226
0.45
DC
30°
R
thJK for various
conduction angles:
R
thJK / (K/W)
d :
1.22
DC
1.27
180°
1.3
120°
1.35
60°
1.37
30°


Similar Part No. - VW2X60-12IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VW2X60-12IO1 IXYS-VW2X60-12IO1 Datasheet
332Kb / 6P
   AC Controlling 2~ full-controlled
More results

Similar Description - VW2X60-12IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VW2X30 IXYS-VW2X30 Datasheet
72Kb / 3P
   AC Controller Modules
VWO35 IXYS-VWO35 Datasheet
58Kb / 2P
   AC Controller Modules
VW2X45 IXYS-VW2X45 Datasheet
71Kb / 3P
   AC Controller Modules
MMO90 IXYS-MMO90 Datasheet
58Kb / 3P
   AC Controller Modules
MLO75-12IO1 IXYS-MLO75-12IO1 Datasheet
78Kb / 3P
   AC Controller Modules
L166 IXYS-L166 Datasheet
58Kb / 3P
   AC Controller Modules
MMO62-12IO6 IXYS-MMO62-12IO6 Datasheet
58Kb / 3P
   AC Controller Modules
MMO230 IXYS-MMO230 Datasheet
65Kb / 2P
   AC Controller Modules
MMO175 IXYS-MMO175 Datasheet
160Kb / 2P
   AC Controller Modules
MMO110 IXYS-MMO110 Datasheet
91Kb / 2P
   AC Controller Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com