Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK5561A-PP Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TK5561A-PP
Description  READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5561A-PP Datasheet(HTML) 4 Page - ATMEL Corporation

  TK5561A-PP Datasheet HTML 1Page - ATMEL Corporation TK5561A-PP Datasheet HTML 2Page - ATMEL Corporation TK5561A-PP Datasheet HTML 3Page - ATMEL Corporation TK5561A-PP Datasheet HTML 4Page - ATMEL Corporation TK5561A-PP Datasheet HTML 5Page - ATMEL Corporation TK5561A-PP Datasheet HTML 6Page - ATMEL Corporation TK5561A-PP Datasheet HTML 7Page - ATMEL Corporation TK5561A-PP Datasheet HTML 8Page - ATMEL Corporation TK5561A-PP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
4682D–RFID–09/06
TK5561A-PP
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Operating temperature range
T
amb
–40 to +85
°C
Storage temperature range
T
stg
–40 to +125
°C
Maximum assembly temperature, t < 5 min
T
ass
170
°C
Magnetic field strength at 125 kHz
H
pp
1000
A/m
6.
Operating Characteristics Transponder
T
amb = 25°C, f = 125 kHz unless otherwise specified
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Inductance
L4.2
mH
LC Circuit, H
pp = 20 A/m
Resonance frequency
T
amb = –40 to +85°C
f
r
121
125
129
kHz
Quality factor
Q
LC
58
11
Magnetic Field Strength (H)
Maximum field strength where
transponder does not modulate
No influence to other transponders in
the field
Hpp not
5A/m
Minimum Field Strength (H)
Read mode
T
amb = –40°C
H
pp –40
24
A/m
Tamb = 25°C
Hpp 25
18
A/m
Tamb = 85°C
Hpp 85
15
A/m
Programming mode
Tamb = –40°C
Hpp –40
30
A/m
Tamb = 25°C
Hpp 25
35
A/m
Tamb = 85°C
Hpp 85
40
A/m
Lowest adapt frequency
fLA
118
121
124.5
kHz
Highest adapt frequency
fHA
125
128
131.5
kHz
Data retention EEPROM
T = 25°C
tretention
10
Years
Programming cycles EEPROM
100,000
Programming time/block
RF = 125 kHz
tp
16
ms
Maximum field strength
Hpp max
600
A/m


Similar Part No. - TK5561A-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5561 ATMEL-TK5561 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results

Similar Description - TK5561A-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
List of Unclassifed Man...
MLX90111 ETC1-MLX90111 Datasheet
136Kb / 12P
   128bit Read Write Transponder
logo
ATMEL Corporation
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5551 ATMEL-TK5551_06 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
logo
Pepperl+Fuchs Inc.
U-P3-RX PF-U-P3-RX Datasheet
361Kb / 3P
   Base for read/write station
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com