Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC6121-002 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC6121-002
Description  INFRARED REMOTE CONTROL TRANSMITTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6121-002 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC6121-002 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6121-002 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6121-002 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6121-002 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6121-002 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6121-002 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6121-002 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6121-002 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6121-002 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Silan
Semiconductors
SC6121
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.2
2002-02-28
2
BLOCK DIAGRAM
Key
Input
Scan
Circuit
OSC Circuit
Timing Generation
&Control Circuit
Code Generation Circuit
Key Input/Output Scan Circuit
Optput
Control
Circuit
KI0
KI1
KI2
KI3
KI/O0 KI/O1 KI/O2 KI/O3 KI/O4 KI/O5 KI/O6 KI/O7
CSS
LMP
REM
SEL
OSCI
OSCO
VDD
Vss
2
1
4
3
8
9
6
10
5
7
20
11
18
19
16
17
14
15
12
13
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD
6.0
V
Input Voltage
VIN
-0.3~VDD
V
Power Dissipation
Pd
250
mW
Storage Temperature
Tstg
-40~+125
°C
Operating Temperature
Topr
-20~+75
°C
RECOMMENDED OPERATING CONDITIONS (Tamb=25°C, unless otherwise specified)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
2.0
3.0
3.3
V
Oscillation Frequency
fosc
400
455
500
KHz
Input Voltage
VIN
0--
VDD
V
Custom Code Select Pull-Up
Resistance
Rup
--
100
--
K


Similar Part No. - SC6121-002

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
SC6122-001 SILAN-SC6122-001 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
SC6122-002 SILAN-SC6122-002 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
SHENZHEN FUMAN ELECTRON...
SC6122-00FF FUMAN-SC6122-00FF Datasheet
343Kb / 5P
   Infrared remote control transmitter IC
More results

Similar Description - SC6121-002

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com