Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T242B105M050RSC Datasheet(PDF) 3 Page - Kemet Corporation

Part # T242B105M050RSC
Description  TANTALUM HERMETICALLY SEALED / AXIAL
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T242B105M050RSC Datasheet(HTML) 3 Page - Kemet Corporation

  T242B105M050RSC Datasheet HTML 1Page - Kemet Corporation T242B105M050RSC Datasheet HTML 2Page - Kemet Corporation T242B105M050RSC Datasheet HTML 3Page - Kemet Corporation T242B105M050RSC Datasheet HTML 4Page - Kemet Corporation T242B105M050RSC Datasheet HTML 5Page - Kemet Corporation T242B105M050RSC Datasheet HTML 6Page - Kemet Corporation T242B105M050RSC Datasheet HTML 7Page - Kemet Corporation T242B105M050RSC Datasheet HTML 8Page - Kemet Corporation T242B105M050RSC Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
®
KEMET
INDEX
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
3
Tantalum Hermetically Sealed/Axial Capacitors
Military Ordering Information
4
Military Marking Information
4
Military Approval Levels
5
Performance Characteristics
5
T110/T212 (CSR13) MIL-C-39003/1 Series
Outline Drawing
6
Dimensions
6
Ordering & T110 Marking Information
6
Ratings and Part Number Reference
7-19
T111/T213 (CSR91) MIL-C-39003/4 Series
Outline Drawing
20
Dimensions
20
Ordering & T111 Marking Information
20
Ratings and Part Number Reference
20-23
T222 (CSR09) MIL-C-39003/2 Series
Outline Drawing
24
Dimensions
24
Ordering & Military Marking Information
24
Ratings and Part Number Reference
25-26
T140/T242 (CSR23) MIL-C-39003/3 Series
Outline Drawing
27
Dimensions
27
T140 Marking Information
27
Ratings and Part Number Reference
27-30
T252 (CSR33) MIL-C-39003/6 Series
Outline Drawing
31
Dimensions
31
Ordering Information
31
Ratings and Part Number Reference
32-33
T262 (CSR21) MIL-C-39003/9 Series
Outline Drawing
34
Dimensions
34
Ordering Information
34
Ratings and Part Number Reference
35-36
T216 (CSS13) & T256 (CSS33) MIL-C-39003/10 Series
Outline Drawing
37
Dimensions
37
Ordering Information
37
Military Ordering Information
38
Marking Information
38
Ratings and Part Number Reference
38-41
Tantalum Molded Axial/Radial Capacitors
T322/T323 (CX01 & CX05) MIL-C-49137/1 & 5 Series — Axial
Performance Characteristics
42
Outline Drawing
43
Dimensions
43
Ordering Information
43
Ratings and Part Number Reference
44-48
T330 & T340 Series — Radial
Performance Characteristics
49
T330 Outline Drawing
50
T330 Dimensions
50
T330 Ordering Information
50
T330 Marking Information
50
T330 Ratings and Part Number Reference
51-52
T340 Outline Drawing
53
T340 Dimensions
53
T340 Ordering Information
53
T340 Marking Information
54
T340 Ratings and Part Number Reference
55-57
T370/T378 (CX06) MIL-C-49137/6 Series — Radial
Performance Characteristics
58
Outline Drawing
59
Dimensions
59
Marking Information
59
Ordering Information
59
Ratings and Part Number Reference
60
Tantalum Dipped Radial Capacitors
Performance Characteristics
61
T35X Series
Outline Drawing
62
Dimensions
62
Lead Configuration
62
Ordering Information
63
Marking Information
63
Ratings and Part Number Reference
63-65
T363 (CX02) & T369 (CX12) MIL-C-49137/2 Series
Outline Drawing
66
Dimensions
66
Marking Information
66
Ordering Information
66
Ratings and Part Number Reference
67
T368 Series
Outline Drawing
68
Dimensions
68
Ratings and Part Number Reference
68
T396 & T398 Series
Outline Drawing
69
Dimensions
69
Ordering Information
69
Ratings and Part Number Reference
70
Tantalum Axial Tape & Reel Packaging Information
71
Tantalum Radial Tape & Reel Packaging Information
72
Tantalum Leaded Packaging Quantities
73-74
Application Notes for Solid Tantalum Capacitors
75-83
IMPORTANT NOTICE
KEMET Electronics Corporation disclaims all warranties, whether express, implied, or statutory as to any
manner whatsoever, including the condition of the equipment, its compatibility with specific requirements, its
merchantability, or fitness for any particular purpose which extend beyond the description on the face hereof.
Furthermore, under no circumstances shall KEMET Electronics Corporation be liable for consequential,
special, incidental or indirect damages resulting from the use or handling of this product.
Finally, KEMET Electronics Corporation does not assume any responsibility for the correctness of the
information contained in this catalog. All design characteristics, specifications, tolerances, and the like are
subject to change without notice.


Similar Part No. - T242B105M050RSC

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
T242-63 NAINA-T242-63 Datasheet
152Kb / 2P
   Phase Control Thyristors, 56A (Stud and Lead Type)
More results

Similar Description - T242B105M050RSC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA33M032 DBLECTRO-CA33M032 Datasheet
232Kb / 2P
   CA Hermetically Sealed Axial Tantalum Capacitor
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com