Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM27P512VE200 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM27P512VE200
Description  524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM27P512VE200 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button NM27P512VE200 Datasheet HTML 4Page - National Semiconductor (TI) NM27P512VE200 Datasheet HTML 5Page - National Semiconductor (TI) NM27P512VE200 Datasheet HTML 6Page - National Semiconductor (TI) NM27P512VE200 Datasheet HTML 7Page - National Semiconductor (TI) NM27P512VE200 Datasheet HTML 8Page - National Semiconductor (TI) NM27P512VE200 Datasheet HTML 9Page - National Semiconductor (TI) NM27P512VE200 Datasheet HTML 10Page - National Semiconductor (TI) NM27P512VE200 Datasheet HTML 11Page - National Semiconductor (TI) NM27P512VE200 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Mode Selection
The modes of operation of the NM27P512 are listed in Table I A single 5V power supply is required in the read mode All inputs
are TTL levels excepts for VPP and A9 for device signature
TABLE I Mode Selection
Pins
CE PGM
OE VPP
VCC
Outputs
Mode
Read
VIL
VIL
50V
DOUT
Output Disable
X
VIH
50V
High Z
(Note 1)
Standby
VIH
X
50V
High Z
Programming
VIL
1275V
625V
DIN
Program Verify
VIL
VIL
625V
DOUT
Program Inhibit
VIH
1275V
625V
High Z
Note 1
X can be VIL or VIH
TABLE II Manufacturer’s Identification Code
Pins
A0
A9
07
06
05
04
03
02
01
00
Hex
(10)
(24)
(19)
(18)
(17)
(16)
(15)
(13)
(12)
(11)
Data
Manufacturer Code
VIL
12V
10001111
8F
Device Code
VIH
12V
10000101
85
9


Similar Part No. - NM27P512VE200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
NM27P040Q120 NSC-NM27P040Q120 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
NM27P040Q150 NSC-NM27P040Q150 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
NM27P040Q170 NSC-NM27P040Q170 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
NM27P040QE150 NSC-NM27P040QE150 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
More results

Similar Description - NM27P512VE200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com