Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5111L-50TSSOP Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5111L-50TSSOP
Description  100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5111L-50TSSOP Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT5111L-50TSSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5111L-50TSSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5111L-50TSSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5111L-50TSSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5111L-50TSSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5111L-50TSSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5111L-50TSSOP Datasheet HTML 7Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CAT5111
6
Doc. No. 2008, Rev. O
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a CAT5111 SI-10TE13 (SOIC, 10K Ohms, Industrial Temperature, Tape & Reel)
Prefix
Device #
Suffix
5111
S
Product Number
Package
P: PDIP
S: SOIC
U: TSSOP
CAT
Optional
Company ID
I
TE13
Tape & Reel
SOIC: 2000/Reel
TSSOP: 2000/Reel
MSOP: 2500/Reel
-10
Resistance
-10: 10kohms
-50: 50kohms
-00: 100kohms
5111: Buffered
5113: Unbuffered
R: MSOP
L: PDIP (Lead free, Halogen free)
V: SOIC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Z: MSOP (Lead free, Halogen free)


Similar Part No. - CAT5111L-50TSSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111L-50TSSOP CATALYST-CAT5111L-50TSSOP Datasheet
452Kb / 9P
   100-Tap Digitally Programmable Potentiometer
More results

Similar Description - CAT5111L-50TSSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
CAT5112LI-10-G ONSEMI-CAT5112LI-10-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com