Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1300BFG1 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW1300BFG1
Description  SIGNAL PROCESSOR FOR COLOR TFT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1300BFG1 Datasheet(HTML) 4 Page - New Japan Radio

  NJW1300BFG1 Datasheet HTML 1Page - New Japan Radio NJW1300BFG1 Datasheet HTML 2Page - New Japan Radio NJW1300BFG1 Datasheet HTML 3Page - New Japan Radio NJW1300BFG1 Datasheet HTML 4Page - New Japan Radio NJW1300BFG1 Datasheet HTML 5Page - New Japan Radio NJW1300BFG1 Datasheet HTML 6Page - New Japan Radio NJW1300BFG1 Datasheet HTML 7Page - New Japan Radio NJW1300BFG1 Datasheet HTML 8Page - New Japan Radio NJW1300BFG1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Ver.5
NJW1300B
-4 -
s
s
s
s ELECTRICAL CHARACTERISTICS (Ta=25
°°°°C,Vcc1=5V,Vcc2=5V,Vcc3=7V,V
DD=5V,VEE1=-5V,
V1=V4=V34=V45=2.5V,V21=V28=V60=0V,V13=2.9V,V14=2.7V,V38=1V,V39=3V)
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX
UNIT
Operating Current 1
Icc
1
Vcc1, No signal
-
33.5
45.0
mA
Operating Current 2
Icc2
Vcc2, No signal
-
6.5
8.4
mA
Operating Current 3
Icc3
Vcc3, No signal
-
5.8
8.7
mA
Operating Current 4
Icc4
VDD, No signal
-
4.7
6.6
mA
Operating Current 5
IEE1
VEE1, No signal
-11.8
-7.5
-
mA
GCT1
-
-12.5
-9.0
dB
Contrast Adjust Gain
Variable Range
GCT2
SG1 applied to V22, V27 and V31,
SG10 applied to V46, SG2 applied to
V60. Define the each amplitude (BLK-
WHT) at V28=H and V34=0V, 2.5V, 5V
as A,B and C.
GST1 = 20log(A / B)
GST2 = 20log(C / B)
Measure Rout, Gout, Bout terminals.
1.0
2.5
-
dB
GSC1
-
-2.5
-1.0
dB
Sub Contrast Adjust
Gain Variable Range
GSC2
SG1 applied to V22 and V31, SG10
applied to V46, SG2 applied to V60.
V28=H, V34=0V.Define the each
amplitude(BLK-WHT) at V32=0V,2.5V,
5V,V36=0V, 2.5V, 5V as A,B, and C.
GSC1 = 20log(A / B)
GSC2 = 20log(C / B)
Measure Rout, Gout, Bout terminals.
1.0
2.5
-
dB
Image Quality
Adjust Variable
Minimum Range
GPS
SG3 (100KHz, 2.4MHz) applied to V24,
V26, SG10 applied to V46, SG2 applied
to V60. Define each gain of sin signal of
frequency as A,B. When V21=0V
GP = A-B (at V21=0V)
-
0
-
dB
Image Quality
Adjust Variable
Maximum Range
GPM
SG3 (100KHz, 2.4MHz) applied to V24,
V26, SG10 applied to V46, SG2 applied
to V60. Define each gain of sin signal of
frequency as A,B. When V21=0V
GP= A-B (at V21=5V)
-
16.0
-
dB
Chroma
Maximum Output
(PAL)
VCMAX
V14=0V, V13=V46=5V.
SG6(4.43MHz) applied to V9, SG2
applied to V60. Measure the chroma
amplitude on V18.
0.6
0.95
1.35
Vpp
GA1
-
0
2.0
dB
ACC Characteristic
(NTSC)
GA2
V46=5V, SG6 (3.58MHz, 0dB, +6dB,
-25dB) applied to V9, SG2 applied to
V60. Measure the amplitude on V18 at
0dB,+6dB,-25dB. Define the each value
as A,B, and C.
GA1 = 20log(B / A)
GA2 = 20log(C / A)
-12.5
-7.5
-
dB


Similar Part No. - NJW1300BFG1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
NJW1300AFG1 NJRC-NJW1300AFG1 Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
More results

Similar Description - NJW1300BFG1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2527 NJRC-NJM2527 Datasheet
301Kb / 34P
   COLOR TFT SIGNAL PROCESSOR
logo
List of Unclassifed Man...
NJM2529 ETC1-NJM2529 Datasheet
325Kb / 38P
   COLOR TFT SIGNAL PROCESSOR
logo
New Japan Radio
NJW1301 NJRC-NJW1301 Datasheet
325Kb / 37P
   SIGNAL PROCESSOR FOR COLOR TFT FOR NTSC
logo
Rohm
BA7267F ROHM-BA7267F Datasheet
141Kb / 4P
   Color Signal Processor for APCs
BU2763S ROHM-BU2763S Datasheet
153Kb / 4P
   Color Signal Processor for APCs
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sharp Corporation
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
   Digital Signal Processor for Color CCD Cameras
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
   Digital Signal Processor for Color CCD Cameras
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
   Digital Signal Processor for Color CCD Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com