Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV4016ACG10 Datasheet(PDF) 5 Page - Brilliance Semiconductor

Part # BS616UV4016ACG10
Description  Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4016ACG10 Datasheet(HTML) 5 Page - Brilliance Semiconductor

  BS616UV4016ACG10 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV4016ACG10 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4016ACG10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4016ACG10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4016ACG10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4016ACG10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4016ACG10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4016ACG10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4016ACG10 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BSI
BS616UV4016
5
R0201-BS616UV4016
Revision
1.3
Sep.
2005
n AC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
READ CYCLE
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
CYCLE TIME : 85ns
(VCC=1.9~3.6V)
MIN.
TYP.
MAX.
CYCLE TIME : 100ns
(VCC=1.9~3.6V)
MIN.
TYP.
MAX.
UNITS
tAVAX
tRC
Read Cycle Time
85
--
--
100
--
--
ns
tAVQX
tAA
Address Access Time
--
--
85
--
--
100
ns
tELQV
tACS
Chip Select Access Time
(CE)
--
--
85
--
--
100
ns
tBLQV
tBA
(1)
Data Byte Control Access Time
(LB, UB)
--
--
40
--
--
50
ns
tGLQV
tOE
Output Enable to Output Valid
--
--
40
--
--
50
ns
tELQX
tCLZ
Chip Select to Output Low Z
(CE)
15
--
--
15
--
--
ns
tBLQX
tBE
Data Byte Control to Output Low Z
(LB, UB)
15
--
--
15
--
--
ns
tGLQX
tOLZ
Output Enable to Output Low Z
15
--
--
15
--
--
ns
tEHQZ
tCHZ
Chip Select to Output High Z
(CE)
--
--
35
--
--
40
ns
tBHQZ
tBDO
Data Byte Control to Output High Z
(LB, UB)
--
--
35
--
--
40
ns
tGHQZ
tOHZ
Output Enable to Output High Z
--
--
35
--
--
40
ns
tAVQX
tOH
Data Hold from Address Change
15
--
--
15
--
--
ns
NOTE :
1. tBA is 40ns/50ns(@speed=85ns/100ns) with address toggle; tBA is 85ns/100ns(@speed=85ns/100ns) without address toggle
n SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE 1
(1,2,4)
READ CYCLE 2
(1,3,4)
tRC
tOH
tAA
DOUT
ADDRESS
tOH
tCLZ
(5)
tCHZ
(5)
DOUT
LB, UB
CE
tBA
tACS
tBE
tBDO


Similar Part No. - BS616UV4016ACG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016ACG10 BSI-BS616UV4016ACG10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016ACG10 BSI-BS616UV4016ACG10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616UV4016ACG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com