Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH174H-WL-A Datasheet(PDF) 6 Page - Anachip Corp

Part # AH174H-WL-A
Description  Inverted Output Hall Effect Latch For High Temperature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH174H-WL-A Datasheet(HTML) 6 Page - Anachip Corp

  AH174H-WL-A Datasheet HTML 1Page - Anachip Corp AH174H-WL-A Datasheet HTML 2Page - Anachip Corp AH174H-WL-A Datasheet HTML 3Page - Anachip Corp AH174H-WL-A Datasheet HTML 4Page - Anachip Corp AH174H-WL-A Datasheet HTML 5Page - Anachip Corp AH174H-WL-A Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AH174
Inverted Output Hall Effect Latch For High Temperature
Anachip Corp.
www.anachip.com.tw
Rev 0.7 May 7, 2004
6/6
(2) Package Type: SOT23-3L
L
e
D
b(3x)
SEE VIEW C
VIEW C
L1
θ 1(4x)
θ 2(4x)
e1
θ
GAUGE PLANE
SEATING PLANE
C
0.10
3X
2
1
3
1.45mm
0.8mm
( Sensing point )
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
-
1.35
0.041
-
0.053
A1
0.05
-
0.15
0.002
-
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.25
-
0.50
0.010
-
0.020
C
0.08
-
0.20
0.003
-
0.008
D
2.70
2.90
3.00
0.106
0.114
0.118
E
1.50
1.60
1.70
0.059
0.063
0.067
HE
2.60
2.80
3.00
0.102
0.110
0.118
L
0.30
-
0.55
0.012
-
0.022
L1
0.50
0.60
0.70
0.020
0.024
0.028
e
1.80
1.90
2.00
0.071
0.075
0.079
e1
0.85
0.95
1.05
0.033
0.037
0.041
θ
0
o
5
o
10
o
0
o
5
o
10
o
θ1
3
o
5
o
7
o
3
o
5
o
7
o
θ2
6
o
8
o
10
o
6
o
8
o
10
o


Similar Part No. - AH174H-WL-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1711 DIODES-AH1711 Datasheet
650Kb / 12P
   LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH1711 DIODES-AH1711 Datasheet
476Kb / 12P
   LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH1711-SA-7 DIODES-AH1711-SA-7 Datasheet
476Kb / 12P
   LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH1712 DIODES-AH1712 Datasheet
476Kb / 12P
   LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH1712-SA-7 DIODES-AH1712-SA-7 Datasheet
476Kb / 12P
   LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
More results

Similar Description - AH174H-WL-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 DIODES-AH175 Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
   Hall Effect Latch IC For High Temperature
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Unisonic Technologies
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
   BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com