Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS3810 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS3810
Description  32 QAM Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS3810 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS3810 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
TM
ERROR CORRECTION STATISTICS
TCMERR
Output
16
Reports the number of estimated errors in the decoded IQ datastream
RSERR_U
Output
16
Reports the number of errors corrected by the Reed Solomon Decoder
(upper 16 bits)
RSERR_L
Output
16
Reports the number of errors corrected by the Reed Solomon Decoder
(lower 16 bits)
AGC CONTROL
AGCP
Output
1
AGC width-modulated pulse with period of 256 symbols. The pulse width
is proportional to the input signal level.
VCO CONTROL
VCOV
Output
12
VCO control voltage, 12-bit offset-binary format, normalized according to
the VCO frequency range such that the maximal value corresponds to
the lowest frequency and zero corresponds to the highest frequency,
updated every four symbols (9.25 MHz, 8 clock cycles)
VCSTRB
Output
1
VCO control voltage strobe, asserted for 4 cycles in every 8 clock cycles
to indicate the update of VCOV
ERROR CORRECTION CONTROL
RSERRPRD
Input
2
Static signal-sets the duration over which RS statistics are gathered
UPTCM
Input
8
Static signal used to control operation of TCM decoder
BYPASS
Input
1
Static signal, when asserted the TCM decoder is bypassed
LOCK STATUS
AGCOK
Output
1
AGC OK indicator, asserted when the average peak sample level is
within +/-15% of the ideal level
LCKBLL
Output
1
BLL lock flag, asserted when lock is declared or retained, updated once
every BLL lock detection window
LCKCLL
Output
1
CLL lock flag, asserted when lock is declared or retained, updated for
every output symbol (two clock cycles)
STATCLL
Output
3
CLL status, updated for every output symbol (two clock cycles)
000: idle (equalizer in initial mode, phase error set to 0)
001: initial (equalizer in CMA, phase error set to 0)
010: AFC (equalizer in CMA, estimate frequency offset)
011: DFS (equalizer in CMA, scan counter increases)
100: 4GC pull-in (equalizer in CMA, CLL 4GC pull-in)
110: DD pull-in (equalizer in CMA, CLL DD pull-in)
111: Lock (equalizer in DD, CLL DD tracking)
FIFOERROR
Output
1
When Asserted signifies the output fifo has overflowed and data has
been dropped
LCKTCM
Output
1
When asserted signifies the TCM decoder has achieved lock
LCKUW
Output
1
When asserted signifies that block synchronization has been achieved
Table 1: CS3810 32 QAM Demodulator Interface Signal Descriptions
Name
I/O
Width
Description


Similar Part No. - CS3810

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS3816 YONGFUKANG-CS3816 Datasheet
438Kb / 9P
   2횞15W Filterless Low EMI Stereo Class D Audio Power Amplifier
More results

Similar Description - CS3810

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8046 PHILIPS-TDA8046 Datasheet
245Kb / 48P
   Multi-mode QAM demodulator
1996 Nov 19
logo
Sony Corporation
CXD1958Q SONY-CXD1958Q Datasheet
332Kb / 48P
   MMDS TCM/QAM Demodulator FEC ADC
logo
STMicroelectronics
STV0297E STMICROELECTRONICS-STV0297E Datasheet
81Kb / 5P
   QAM demodulator IC with A/D converter
STI7197 STMICROELECTRONICS-STI7197 Datasheet
97Kb / 4P
   Advanced STB decoder with integrated QAM demodulator
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
   Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
STMicroelectronics
QAMI5107 STMICROELECTRONICS-QAMI5107 Datasheet
93Kb / 6P
   Low-cost QAM demodulator and MPEG2 decoder SOC for set-top boxes
STI5197 STMICROELECTRONICS-STI5197 Datasheet
84Kb / 4P
   Cost-effective QAM demodulator and MPEG2 decoder for SD set-top box applications
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
[Old version datasheet]   VSB/QAM Receiver
logo
Motorola, Inc
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
   16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com