Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P260N Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P260N
Description  8-Bit Microprocessor with OTP ROM
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P260N Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P260N Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P260N Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P260N Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P260N Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P260N Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P260N Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P260N Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P260N Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P260N Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
4
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
5
Pin Description
5.1
EM78P259NP/M Pin Description
Symbol
Pin No.
Type
Function
VDD
14
Power supply
OSCI
16
I
■ XTAL type Crystal input terminal or external clock input pin
■ RC type:
RC oscillator input pin
OSCO
15
I/O
■ XTAL type: Output terminal for crystal oscillator or external
clock input pin
■ RC type:
Clock output with a duration one instruction cycle
■ External clock signal input
P70
15
I/O
■ General-purpose I/O pin
■ Default value at power-on reset
P60 ~ P67
6 ~ 13
I/O
■ General-purpose I/O pin
■ Open drain
■ Default value at power-on reset
P50 ~ P55
1 ~ 3
16 ~ 18
I/O
■ General-purpose I/O pin
■ Pull-high/pull-down
■ Wake up from sleep mode when the status of the pin changes
■ Default value at power-on reset
CIN–, CIN+
CO
12, 11
10
I
O
■ “–“
→ the input pin of Vin– of a comparator
■ “+”
→ the input pin of Vin+ of a comparator
■ Pin CO is the output of the comparator
■ Defined by IOC80 <4:3>
IR OUT
13
O
■ IR mode output pin. Capable of driving and sinking
current = 20mA when the output voltage drops to 0.7Vdd and
rise to 0.3Vdd at Vdd = 5V.
VREF
3
I
■ External reference voltage for ADC
■ Defined by ADCON (R9)<7>
/INT
6
I
■ External interrupt pin triggered by falling or rising edge
■ Defined by CONT <7>
TCC, TCCA,
TCCB, TCCC
3, 7,
8, 9
I
■ External Counter input
■ TCC defined by CONT<5>
■ TCCA defined by IOC80 <1>
■ TCCB defined by IOC90 <5>
■ TCCC defined by IOC90 <1>
ADC0 ~ ADC3
1, 2,
17, 18
I
■ Analog to Digital Converter
■ Defined by ADCON (R9)<1:0>
/RESET
4
I
■ If it remains at logic low, the device will be reset
■ Wake-up from sleep mode when pin status changes
■ Voltage on /RESET/Vpp must not exceed Vdd during normal
mode
VSS
5
Ground


Similar Part No. - EM78P260N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
EM78P211/2N EMC-EM78P211/2N Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
EM78P211NAMJ EMC-EM78P211NAMJ Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
EM78P211NAMS EMC-EM78P211NAMS Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
EM78P211NMJ EMC-EM78P211NMJ Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
More results

Similar Description - EM78P260N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P330 EMC-EM78P330 Datasheet
1,020Kb / 112P
   8-Bit Microprocessor with OTP ROM
EM78P510N EMC-EM78P510N Datasheet
2Mb / 116P
   8-Bit Microprocessor with OTP ROM
EM78P528N EMC-EM78P528N Datasheet
4Mb / 164P
   8-Bit Microprocessor with OTP ROM
EM78P258N EMC-EM78P258N Datasheet
1Mb / 81P
   8-Bit Microprocessor with OTP ROM
EM78P520N EMC-EM78P520N Datasheet
3Mb / 124P
   8-Bit Microprocessor with OTP ROM
EM78P342N EMC-EM78P342N Datasheet
3Mb / 118P
   8-Bit Microprocessor with OTP ROM
EM78P417N EMC-EM78P417N Datasheet
1Mb / 84P
   8-Bit Microprocessor with OTP ROM
EM78P350N EMC-EM78P350N Datasheet
1Mb / 110P
   8-Bit Microprocessor with OTP ROM
EM78P341 EMC-EM78P341 Datasheet
1Mb / 102P
   8-Bit Microprocessor with OTP ROM
EM78P142 EMC-EM78P142 Datasheet
905Kb / 96P
   8-Bit Microprocessor with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com