Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6650 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6650
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6650 Datasheet HTML 3Page - Linear Technology LT6650 Datasheet HTML 4Page - Linear Technology LT6650 Datasheet HTML 5Page - Linear Technology LT6650 Datasheet HTML 6Page - Linear Technology LT6650 Datasheet HTML 7Page - Linear Technology LT6650 Datasheet HTML 8Page - Linear Technology LT6650 Datasheet HTML 9Page - Linear Technology LT6650 Datasheet HTML 10Page - Linear Technology LT6650 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT6650
7
6650f
APPLICATIO S I FOR ATIO
PI FU CTIO S
BLOCK DIAGRA
FB (Pin 1): Resistor Divider Feedback Pin. Connect a
resistor divider from OUT to GND and the center tap to FB.
This pin sets the output potential.
GND (Pin 2): Ground Connection.
DNC (Pin 3): Do not connect. Connected internally for post
package trim. This pin must be left unconnected.
IN (Pin 4): Positive Supply. Bypassing with a 1
µFcapacitor
is recommended if the output loading changes.
OUT (Pin 5): Reference Output. The output sources and
sinks current. It is stable with any load capacitor with a
total capacitance of 1
µF or more. Higher load capacitance
improves load transient response.
OUT
DNC
FB
IN
GND
LT6650
+
VR = 400mV
REFERENCE
6650 BD
4
2
3
5
1
Long Battery Life
The LT6650 is a micropower, adjustable reference which
operates from supply voltages ranging from 1.4V to 18V.
The series regulated output may be configured with exter-
nal resistors to any voltage from 400mV to nearly the
supply potential. Under no-load conditions, the LT6650
dissipates only 8
µW when operating on a 1.4V supply.
Other operating configurations allow the LT6650 to be
used as a micropower positive or negative adjustable
shunt reference from 1.4V to 18V.
Bypass and Load Capacitor
The LT6650 voltage reference requires a 1
µF or greater
output capacitance for proper operation. This capacitance
may be provided by either a single capacitor connected
between OUT and GND or formed by the aggregate of
several capacitors that may be serving other decoupling
functions. Output impedance can be reduced by DC load-
ing of the output by 40
µA to 200µA, and/or adding an RZ
to the output capacitor for a 100
µstimeconstantasshown
in Figure 1 and the Typical Performance Characteristics
graphs.
The LT6650 Voltage reference should have an input by-
pass capacitor of 0.1
µF or larger. When the circuit is
Figure 1. LT6650 Input-Output Configuration
VOUT
VIN
OUT
IN
RIN
FB
GND
LT6650
6650 F01
2
4
5
1
CL
RZ
CIN


Similar Part No. - LT6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6650 LINER-LT6650 Datasheet
452Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
logo
Linear Integrated Syste...
LT6650 LINEAR-LT6650 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Linear Technology
LT6650 LINER-LT6650_15 Datasheet
452Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
More results

Similar Description - LT6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650_15 Datasheet
452Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
   Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
LT1716 LINER-LT1716_15 Datasheet
261Kb / 12P
   SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1635 LINER-LT1635_15 Datasheet
241Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com