Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR629AU9 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # AR629AU9
Description  MICROCIRCIT DATA SHEET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

AR629AU9 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button AR629AU9 Datasheet HTML 6Page - National Semiconductor (TI) AR629AU9 Datasheet HTML 7Page - National Semiconductor (TI) AR629AU9 Datasheet HTML 8Page - National Semiconductor (TI) AR629AU9 Datasheet HTML 9Page - National Semiconductor (TI) AR629AU9 Datasheet HTML 10Page - National Semiconductor (TI) AR629AU9 Datasheet HTML 11Page - National Semiconductor (TI) AR629AU9 Datasheet HTML 12Page - National Semiconductor (TI) AR629AU9 Datasheet HTML 13Page - National Semiconductor (TI) AR629AU9 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MNAR629A-X REV 0A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC: INTERNAL REGISTER/RECEIVE DATA CHARACTERISTICS (Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vdd = Vcc = 5V +5%, Vss = GND, -55 C <TA<+125 C, CL = 50pF
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
TDLWM
Delay from BUSQ,
to LWM valid
Vdd = 5V +5%
12T
20T
nS
9, 10,
11
TDRSTAC
Delay from RIVS
High to Stac High
Vdd = 4.75V, Vdd = 5.25V
2T-30
2T+35
nS
9, 10,
11
TDTRIVS
Delay from end of
DMA to trailing
RIVS Low
2T
46T
nS
9, 10,
11
THRAL
AO hold after
leading RIVS
falling edge
Vdd = 5V +5%
65T
nS
9, 10,
11
THRAT
AO hold after
trailing RIVS
falling edge
Vdd = 4.75V, Vdd = 5.25V
4T-35
nS
9, 10,
11
TSAR
AO setup prior to
RIVS falling edge
Vdd = 4.75V, Vdd = 5.25V
2T-35
nS
9, 10,
11
TSDMA
Delay from end of
last bit time to
DMA start
Vdd = 4.75V, Vdd = 5V +5%
13T
20T
nS
9, 10,
11
TWBUSQ
Width of BUSQ
High during data
sync
38T
nS
9, 10,
11
TWBUSQ1
Width Bus Quiet
high during
interstring gap
64T
nS
9, 10,
11
TWRIVS
RIVS pulse Low
width
Vdd = 4.75V, Vdd = 5.25V
2T-10
2T+35
nS
9, 10,
11
TDAOBUSR
Time from AO
valid to DMA
start
Vdd = 5V +5%
30T
nS
9, 10,
11
AC: INTERNAL REGISTER/TRANSMIT DATA CHARACTERISTICS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vdd = Vcc = 5V +5%, Vss = GND, -55 C <TA<+125 C, CL = 50pF
TAODMA
Time from AO
valid to DMA
window start
Vdd = 5V +5%
1T
nS
9, 10,
11
TDBUSQ
Delay from end of
last bit time to
BUSQ
6T-40
7T+46
nS
9, 10,
11
TDBUSQ1
Delay from last
word of string to
BUSQ
Vdd = 5V +5%
5T-40
7T+46
nS
9, 10,
11
10


Similar Part No. - AR629AU9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR62 ETC2-AR62 Datasheet
69Kb / 3P
   Causes severe burns.
More results

Similar Description - AR629AU9

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
logo
Murata Manufacturing Co...
GRM188F51E474ZA01D MURATA-GRM188F51E474ZA01D Datasheet
43Kb / 1P
   Capacitor data sheet
GRM1885C1E122JA01D MURATA-GRM1885C1E122JA01D Datasheet
43Kb / 1P
   Capacitor data sheet
logo
Microchip Technology
DSPIC30F6010-20I MICROCHIP-DSPIC30F6010-20I Datasheet
2Mb / 222P
   dsPIC30F6010 Data Sheet
10/19/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com