Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPC-DEV-IBMC Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC-DEV-IBMC
Description  High-Performance Communications MicroController
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-IBMC Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button HPC-DEV-IBMC Datasheet HTML 4Page - National Semiconductor (TI) HPC-DEV-IBMC Datasheet HTML 5Page - National Semiconductor (TI) HPC-DEV-IBMC Datasheet HTML 6Page - National Semiconductor (TI) HPC-DEV-IBMC Datasheet HTML 7Page - National Semiconductor (TI) HPC-DEV-IBMC Datasheet HTML 8Page - National Semiconductor (TI) HPC-DEV-IBMC Datasheet HTML 9Page - National Semiconductor (TI) HPC-DEV-IBMC Datasheet HTML 10Page - National Semiconductor (TI) HPC-DEV-IBMC Datasheet HTML 11Page - National Semiconductor (TI) HPC-DEV-IBMC Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Timing Waveforms (Continued)
Serial Decoder Timing Diagram (Mode 2)
TLDD10422 – 14
Symbol
Parameter
Min
Max
Comments
Units
TPFS
Number of HCK1 Periods between FS Falling Edges
34
TAFS
Number of HCK1 Rising Edges during FS Low
1
32
TEFS
Hold of FS High after HCK1 Rising Edge
10
Early FS
ns
TLFS
Setup of FS Falling Edge before HCK1 Rising Edge
20
Late FS (Note 8)
ns
TVFC
Delay of TX Output Valid after HCK1 Rising Edge
60
(Note 7)
ns
THFS
Hold of FS Low after HCK1 Rising Edge
20
ns
TSFS
Setup of FS Rising Edge before HCK1 Rising Edge
20
ns
TTTC
Delay of TX output TRI-STATE after HCK1 Rising Edge
40
ns
TVFR
TVFC in Rate Adaptation Mode
75
ns
Serial Decoder Timing Diagram (Modes 3 4)
TLDD10422 – 15
Symbol
Parameter
Min
Max
Comments
Units
TPFS
Number of HCK1 Periods between FS Rising Edges
64
SD Mode 3
TPFS
Number of HCK1 Periods between FS Rising Edges
32
SD Mode 4
TAFS
Number of HCK1 Falling Edges during FS High
2
62
SD Mode 3
TAFS
Number of HCK1 Falling Edges during FS High
2
30
SD Mode 4
TEFS
Hold of FS Low after HCK1 Falling Edge
10
Early FS
ns
TLFS
Setup of FS Rising Edge before HCK1 Falling Edge
45
Late FS (Note 8)
ns
TVFS
Delay of TX Output Valid after HCK1 and FS Rising Edges
70
(Note 9)
ns
THFS
Hold of FS High after HCK1 Falling Edge
20
ns
TSFS
Setup of FS Falling Edge before HCK1 Rising Edge
20
ns
TTTC
Delay of TX output TRI-STATE after HCK1 Rising Edge
40
ns
Note 7
This spec is for 1st bit only Remaining bits are spec’d by transmitter TVTC spec
Note 8
Receiver specs TVRS and TVRH are required along with TLFS for receiver operation using serial decoder
Note 9
This spec is for 1st bit only and is measured from the later of either FS or HCK1 rising edge Remaining bits are spec’d from HCK1 rising edges by
transmitter TVTC spec
8


Similar Part No. - HPC-DEV-IBMC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HPC-D COOPER-HPC-D Datasheet
91Kb / 1P
   Panel-Mount Fuseholder
More results

Similar Description - HPC-DEV-IBMC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
   High-Performance microController
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
   HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Texas Instruments
ISDN TI1-ISDN Datasheet
397Kb / 14P
[Old version datasheet]   ISDN Basic Rate Interface Software for the HPC16400E High Performance Data Communications Microcontroller
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
83C51KB INTEL-83C51KB Datasheet
273Kb / 19P
   HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com