Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV2017DI-70 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS616LV2017DI-70
Description  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2017DI-70 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS616LV2017DI-70 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2017DI-70 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2017DI-70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2017DI-70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2017DI-70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2017DI-70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2017DI-70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2017DI-70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2017DI-70 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Revision 1.1
Jan.
2004
4
R0201-BS616LV2017
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
(Vcc = 4.5~5.5V)
(Vcc = 4.5~5.5V)
UNIT
t
AVAX
t
RC
Read Cycle Time
55
--
--
70
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
55
--
--
70
ns
t
ELQV
t
ACS
Chip Select Access Time
(CE)
--
--
55
--
--
70
ns
t
BA
t
BA
Data Byte Control Access Time
(LB,UB)
----
30
----
35
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
30
--
--
35
ns
t
E1LQX
t
CLZ
Chip Select to Output Low Z
(CE)
10
--
--
10
--
--
ns
t
BE
t
BE
Data Byte Control to Output Low Z
(LB,UB)
10
----
10
----
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
5
----5
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
(CE)
--
--
30
--
--
35
ns
t
BDO
t
BDO
Data Byte Control to Output High Z
(LB,UB)
--
--
30
--
--
35
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
25
--
--
30
ns
t
AXOX
t
OH
Data Hold from Address Change
10
--
--
10
--
--
ns
AC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
READ CYCLE
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
LOW V
CC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE
Vcc - 0.2V
BSI
BS616LV2017
(1)
1. tBA is 30ns/35ns (@speed=55ns/70ns) with address toggle. ; tBA is 55ns/70ns (@speed=55ns/70ns) without address toggle.
NOTE :
MIN. TYP. MAX.
MIN. TYP. MAX.
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output
Timing Reference Level
0.5Vcc
Output Load
CL = 100pF+1TTL
CL = 30pF+1TTL
CYCLE TIME : 55ns
CYCLE TIME : 70ns


Similar Part No. - BS616LV2017DI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010EC BSI-BS616LV2010EC Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010EI BSI-BS616LV2010EI Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011AC BSI-BS616LV2011AC Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2017DI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Brilliance Semiconducto...
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com