Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV8019EI Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616LV8019EI
Description  Very Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8019EI Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616LV8019EI Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8019EI Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8019EI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8019EI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8019EI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8019EI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8019EI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8019EI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8019EI Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Revision 2.1
Jan.
2004
3
R0201-BS616LV8019
DC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
BSI
BS616LV8019
LOW V
CC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE
Vcc - 0.2V
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
VIL
Guaranteed Input Low
Voltage(3)
Vcc=5.0V
-0.5
--
0.8
V
VIH
Guaranteed Input High
Voltage(3)
Vcc=5.0V
2.2
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE = VIH, or OE = VIH,
VI/O = 0V to Vcc
--
--
1
uA
VOL
Output Low Voltage
Vcc = Max, IOL = 2mA
Vcc=5.0V
--
--
0.4
V
VOH
Output High Voltage
Vcc = Min, IOH = -1mA
Vcc=5.0V
2.4
--
--
V
--
--
76
ICC
Operating Power Supply
Current
CE = VIL,IDQ= 0mA
(2)
Vcc=5.0V
--
--
61
mA
ICCSB
Standby Current -TTL
CE = VIH ,I DQ = 0mA
Vcc=5.0V
--
--
2
mA
ICCSB1
Standby Current-CMOS
CE ≧ Vcc -0.2V,
VIN ≧Vcc- 0.2V or VIN≦0.2V
Vcc=5.0V
--
8.0
110
uA
DATA RETENTION CHARACTERISTICS ( TA = -40 to + 85oC )
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE ≧ Vcc - 0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.8
2.5
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
1. Typical characteristics are at TA = 25oC.
2. Fmax = 1/t
RC .
3. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
4. Icc_Max. is 75mA(@55ns) / 60mA(@70ns) during 0~70oC operation.
5.IccsB1 is 55uA at Vcc=5.0V and TA=70oC.
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
3. IccDR(Max.) is 1.3uA at TA=70OC.
(4)
(5)
,F = Fmax
55ns
70ns
(3)


Similar Part No. - BS616LV8019EI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC BSI-BS616LV8010EC Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC-55 BSI-BS616LV8010EC-55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC-70 BSI-BS616LV8010EC-70 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010ECG55 BSI-BS616LV8010ECG55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8019EI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8015 BSI-BS616LV8015 Datasheet
204Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com