Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV2019TC-55 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616LV2019TC-55
Description  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2019TC-55 Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS616LV2019TC-55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2019TC-55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2019TC-55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2019TC-55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2019TC-55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2019TC-55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2019TC-55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2019TC-55 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV2019TC-55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Revision 1.2
May
2004
9
R0201-BS616LV2019
BSI
BS616LV2019
PACKAGE DIMENSIONS
1
24
24
D
1
HD
48
SECTION A-A
BASE METAL
WITH PLATING
c c1
b1
b
0.0236±0.006
0.020±0.004
0.004 ~ 0.006
0.004 ~ 0.008
0.008±0.001
0.009±0.002
0.0433±0.004
0°~ 8°
0.004 Max.
0.0315±0.004
0.708±0.008
0.472±0.004
0.645±0.004
0.039±0.002
0.004±0.002
25
"A"
25
Seating Plane
48
D
y
θ
L1
y
L
HD
e
E
SYMBOL
b
c1
b1
c
A2
A1
A
UNIT
16.40±0.10
0.50±0.10
0.80±0.10
0.60±0.15
18.00±0.20
11.80±0.10
0°~ 8°
0.1 Max.
0.10 ~ 0.16
0.10 ~ 0.21
0.20±0.03
0.22±0.05
1.00±0.05
0.10±0.05
1.10±0.10
MM
INCH
12°(2x)
"A" DETAIL VIEW
L1
GAUGE PLANE
SEATING PLANE
12°(2x)
L
A
A
TSOP1-48PIN


Similar Part No. - BS616LV2019TC-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2019TC55 BSI-BS616LV2019TC55 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019TC70 BSI-BS616LV2019TC70 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019TCG55 BSI-BS616LV2019TCG55 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019TCG55 BSI-BS616LV2019TCG55 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019TCG70 BSI-BS616LV2019TCG70 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2019TC-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Brilliance Semiconducto...
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com