Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1366B-200AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1366B-200AI
Description  9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1366B-200AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1366B-200AI Datasheet HTML 1Page - Cypress Semiconductor CY7C1366B-200AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1366B-200AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1366B-200AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1366B-200AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1366B-200AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1366B-200AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1366B-200AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1366B-200AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B
CY7C1367B
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05096 Rev. *B
Revised February 23, 2004
Features
• Supports bus operation up to 225 MHz
• Available speed grades are 225, 200 and 166 MHz
• Registered inputs and outputs for pipelined operation
• Optimal for performance (Double-Cycle deselect)
— Depth expansion without wait state
• 3.3V –5% and +10% core power supply (VDD)
• 2.5V / 3.3V I/O operation
• Fast clock-to-output times
— 2.8 ns (for 225-MHz device)
— 3.0 ns (for 200-MHz device)
— 3.5 ns (for 166-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel
Pentiuminterleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• Offered in JEDEC-standard 100-pin TQFP, 119-ball BGA
and 165-Ball fBGA packages
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• “ZZ” Sleep Mode Option
Functional Description[1]
The CY7C1366B/CY7C1367B SRAM integrates 262,144 x 36
and 524,288 x 18 SRAM cells with advanced synchronous
peripheral circuitry and a two-bit counter for internal burst
operation. All synchronous inputs are gated by registers
controlled by a positive-edge-triggered Clock Input (CLK). The
synchronous inputs include all addresses, all data inputs,
address-pipelining Chip Enable (CE1), depth-expansion Chip
Enables (CE2 and CE3
[2]), Burst Control inputs (ADSC, ADSP,
and ADV), Write Enables (BWX, and BWE), and Global Write
(GW). Asynchronous inputs include the Output Enable (OE)
and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed Write cycle.This part supports Byte Write
operations (see Pin Descriptions and Truth Table for further
details). Write cycles can be one to four bytes wide as
controlled by the byte write control inputs. GW active LOW
causes all bytes to be written. This device incorporates an
additional pipelined enable register which delays turning off
the output buffers an additional cycle when a deselect is
executed.This feature allows depth expansion without penal-
izing system performance.
The CY7C1366B/CY7C1367B operates from a +3.3V core
power supply while all outputs operate with a +3.3V or a +2.5V
supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Selection Guide
225 MHz
200 MHz
166 MHz
Unit
Maximum Access Time
2.8
3.0
3.5
ns
Maximum Operating Current
250
220
180
mA
Maximum CMOS Standby Current
30
30
30
mA
Shaded areas contain advance information. Please contact your local Cypress sales representative for availability of these parts.
Notes:
1. For best–practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
2. CE3 is for TQFP and 165 fBGA package only. 119 BGA is offered only in 2 Chip Enable.


Similar Part No. - CY7C1366B-200AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366A-150AC CYPRESS-CY7C1366A-150AC Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366A-150AJC CYPRESS-CY7C1366A-150AJC Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366A-150BGC CYPRESS-CY7C1366A-150BGC Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366A-166AC CYPRESS-CY7C1366A-166AC Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
More results

Similar Description - CY7C1366B-200AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com