Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV2019TI Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV2019TI
Description  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2019TI Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV2019TI Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2019TI Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2019TI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2019TI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2019TI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2019TI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2019TI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2019TI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2019TI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 1.2
May
2004
1
R0201-BS616LV2019
Very Low Power/Voltage CMOS SRAM
128K X 16 bit
• Vcc operation voltage range : 2.7V ~ 3.6V
• Very low power consumption :
Vcc = 3.0V C-grade: 23mA (@55ns) operating current
I -grade: 25mA (@55ns) operating current
C-grade: 15mA (@70ns) operating current
I -grade: 16mA (@70ns) operating current
0.3uA(Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
The BS616LV2019 is a high performance , very low power CMOS Static
Random Access Memory organized as 131,072 words by 16 bits and
operates from a range of 2.7V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.3uA at 3.0V /25oC and maximum access time of 55ns at 2.7V/ 85oC.
Easy memory expansion is provided by active LOW chip enable (CE),
active LOW output enable(OE) and three-state output drivers.
The BS616LV2019 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616LV2019 is available in DICE form , JEDEC standard 48-pin
TSOP Type I package and 48-ball BGA package.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
BS616LV2019
48-ball BGA top view
SPEED
( ns )
STANDBY
( ICCSB1, Max )
Operating
( ICC, Max )
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=3.0V
Vcc=3.0V
PKG TYPE
BS616LV2019DC
DICE
BS616LV2019TC
TSOP1-48
BS616LV2019AC
+0 O C to +70 O C
2.7V ~3.6V
55/70
3.0uA
15mA
BGA-48-0608
BS616LV2019DI
DICE
BS616LV2019TI
TSOP1-48
BS616LV2019AI
-40 O C to +85 O C
2.7V ~ 3.6V
55/70
5.0uA
25mA
BGA-48-0608
BSI
Row
Decoder
Memory Array
1024 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A3 A2 A1
Data
Buffer
Input
Control
Gnd
Vcc
OE
WE
CE2,CE
DQ15
DQ0
A16
A5
A6
A7
A15
A13
16
16
16
16
14
128
2048
1024
20
A14
A12
A9
A4
A0
A11
A8
Address
Input
Buffer
A10
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
G
H
F
E
D
C
B
A
12345
6
D15
D14
VSS
D9
D8
LB
VCC
N.C.
A8
A9
D13
A12
A14
D12
D11
D10
A5
UB
OE
A3
A0
A11
A10
A13
A15
WE
D5
A16
A7
A6
D4
D3
D1
D7
D6
D2
A4
A1
A2
D0
N.C.
VSS
VCC
N.C.
CE
N.C.
N.C.
N.C.
24
25
1
48
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
/WE
CE2
NC
/UB
/LB
NC
NC
A7
A6
A5
A4
A3
A2
A1
9
10
13
16
17
A16
NC
VSS
IO15
IO7
IO14
IO6
IO13
IO5
IO12
IO4
VCC
IO11
IO3
IO10
IO2
IO9
IO1
IO8
IO0
/OE
VSS
/CE
A0
47
BS616LV2019TC
BS616LV2019TI
37
27
46
• Easy expansion with CE and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
23mA
16mA
55ns
70ns
POWER DISSIPATION
55ns: 2.7~3.6V
70ns: 2.7~3.6V


Similar Part No. - BS616LV2019TI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2019TI55 BSI-BS616LV2019TI55 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019TI70 BSI-BS616LV2019TI70 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019TIG55 BSI-BS616LV2019TIG55 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019TIG55 BSI-BS616LV2019TIG55 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019TIG70 BSI-BS616LV2019TIG70 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2019TI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Brilliance Semiconducto...
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com