Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV1015EC Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616LV1015EC
Description  Very Low Power/Voltage CMOS SRAM 64K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1015EC Datasheet(HTML) 6 Page - Brilliance Semiconductor

  BS616LV1015EC Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1015EC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1015EC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1015EC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1015EC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1015EC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1015EC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1015EC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1015EC Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Revision 1.1
Jan.
2004
6
R0201-BS616LV1015
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC, Vcc = 5.0V )
WRITE CYCLE
BSI
BS616LV1015
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
MIN. TYP. MAX.
UNIT
t
AVAX
t
WC
Write Cycle Time
55
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
55
--
--
ns
t
AVWL
t
AS
Address Setup Time
0--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
55
--
--
ns
t
WLWH
t
WP
Write Pulse Width
35
--
--
ns
t
WHAX
t
WR
Write recovery Time
(CE,WE)
0
--
--
ns
t
BW
t
BW
Date Byte Control to End of Write
(LB,UB)
55
--
--
ns
t
WLQZ
t
WHZ
Write to Output in High Z
--
--
25
ns
t
DVWH
t
DW
Data to Write Time Overlap
25
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0--
--
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
25
ns
t
WHOX
t
OW
End of Write to Output Active
5--
--
ns
t WR
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE1 (1)
t WC
(3)
t CW
(10)
t BW
(2)
t WP
t AW
t OHZ
(4)
t AS
(3)
t DH
t DW
D
IN
D
OUT
WE
LB,UB
CE
OE
ADDRESS
(5)
CYCLE TIME : 55ns


Similar Part No. - BS616LV1015EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010AC BSI-BS616LV1010AC Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010AC55 BSI-BS616LV1010AC55 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616LV1015EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
logo
AMIC Technology
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com