Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK1171110-F15-41-A203 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RK1171110-F15-41-A203
Description  11mm Size Metal Shaft Low-profile Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK1171110-F15-41-A203 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RK1171110-F15-41-A203 Datasheet HTML 1Page - List of Unclassifed Manufacturers RK1171110-F15-41-A203 Datasheet HTML 2Page - List of Unclassifed Manufacturers RK1171110-F15-41-A203 Datasheet HTML 3Page - List of Unclassifed Manufacturers RK1171110-F15-41-A203 Datasheet HTML 4Page - List of Unclassifed Manufacturers RK1171110-F15-41-A203 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Metal
Shaft
Rotary
Potentiometers
31
Slide
Potentiometers
Trimmer
Potentiometers
Multi Control
Devices
Position Sensors
Insulated
Shaft
Knob
Operating
11mm Size Metal Shaft Low-profile Potentiometer
RK117 Series
Dimensions
No.
1
Single-shaft, single-unit
RK1171110
Single-shaft, single-unit
RK1171110
Single-shaft, single unit
with push-on switch travel
0.5mm
RK1171114-5R4411
Single-shaft, single unit
with push-on switch travel
1.5mm
RK1171114-5R4511
2
3
4
Model
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
20.3
(15)
5.3
7
3.5
Mounting
surface
5
3.6
ø7
C1
60˚
11.7
Shaft shown in
full CCW position
R1
12 3
11.1
1.8
5
3-ø1 holes
25.3
(20)
5.3
7
3.5
Mounting
surface
10
3.6
R1
ø7
C1
60˚
11.7
Shaft shown in
full CCW position
12 3
11.1
1.8
5
3-ø1 holes
26.5
(20)
6.5
7
3.5
Mounting
surface
10
0.5
3.6
R1
ø7
C1
60˚
11.7
Shaft shown in
full CCW position
12 3
Switch
Switch travel
11.1
5
1.8
5
5-ø1 holes
22.55
(15)
7.55
7
3.5
Mounting
surface
5
1.5
3.6
R1
ø7
C1
60˚
11.7
Shaft shown in
full CCW position
12 3
Switch
Switch travel
11.1
5
1.8
5
5-ø1 holes
Unit : mm


Similar Part No. - RK1171110-F15-41-A203

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK117111000A ALPS-RK117111000A Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK117111000N ALPS-RK117111000N Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W03 ALPS-RK1171110W03 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W04 ALPS-RK1171110W04 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W0D ALPS-RK1171110W0D Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
More results

Similar Description - RK1171110-F15-41-A203

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
logo
Bourns Electronic Solut...
PTV111 BOURNS-PTV111 Datasheet
112Kb / 2P
   11mm Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com