Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5269W-50TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT5269W-50TE13
Description  Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5269W-50TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT5269W-50TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5269W-50TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5269W-50TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5269W-50TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5269W-50TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5269W-50TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5269W-50TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT5269W-50TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT5269W-50TE13 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
CAT5419
Document No. 2115, Rev. F
WRITE OPERATIONS
In the Write mode, the Master device sends the START
condition and the slave address information to the Slave
device. After the Slave generates an acknowledge, the
Master sends the instruction byte that defines the
requested operation of CAT5419. The instruction byte
consist of a four-bit opcode followed by two register
selection bits and two pot selection bits. After receiving
another acknowledge from the Slave, the Master device
transmits the data to be written into the selected register.
The CAT5419 acknowledges once more and the Master
generates the STOP condition, at which time if a non-
volatile data register is being selected, the device begins
an internal programming cycle to non-volatile memory.
While this internal cycle is in progress, the device will not
respond to any request from the Master device.
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical write cycle time. Once the stop condition is
issued to indicate the end of the host's write operation,
the CAT5419 initiates the internal write cycle. ACK
polling can be initiated immediately. This involves issuing
the start condition followed by the slave address. If the
CAT5419 is still busy with the write operation, no ACK
will be returned. If the CAT5419 has completed the write
operation, an ACK will be returned and the host can then
proceed with the next instruction operation.
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the non-volatile
data registers. If the
WP pin is tied to LOW, the data
registers are protected and become read only. Similarly,
WP pin going LOW after Start will interrupt non-volatile
write to data registers, while
WP pin going LOW after
internal write cycle has started will have no effect on any
write operation.The CAT5419 will accept both slave
addresses and instructions, but the data registers are
protected from programming by the device’s failure to
send an acknowledge after data is received.
Figure 6. Write Timing
Figure 5. Slave Address Bits
0
1
0
1
A3
A2
A1
A0
CAT5419
*
A0, A1, A2 and A3 correspond to pin A0, A1, A2 and A3 of the device.
**
A0, A1, A2 and A3 must compare to its corresponding hard wired input pins.
S
A
C
K
A
C
K
DR1 WCR DATA
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A
C
K
SLAVE/DPP
ADDRESS
INSTRUCTION
BYTE
Fixed
Variable
op code
Data Register
Address
Pot/WCR
Address


Similar Part No. - CAT5269W-50TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5269WI-00 CATALYST-CAT5269WI-00 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269WI-00 ONSEMI-CAT5269WI-00 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5269WI-00-T1 ONSEMI-CAT5269WI-00-T1 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
CAT5269WI-00-T1 ONSEMI-CAT5269WI-00-T1 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5269WI-00TE13 CATALYST-CAT5269WI-00TE13 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
More results

Similar Description - CAT5269W-50TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
logo
Catalyst Semiconductor
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com